Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFM Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 2 Page - Renesas Technology Corp

  R7FA2L1AB2DFM Datasheet HTML 1Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 2Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 3Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 4Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 5Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 6Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 7Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 8Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 114 page
background image
1.
Overview
The MCU integrates multiple series of software- and pin-compatible Arm®-based 32-bit cores that share a common set of
Renesas peripherals to facilitate design scalability.
The MCU in this series incorporates an energy-efficient Arm Cortex®-M23 32-bit core, that is particularly well suited for
cost-sensitive and low-power applications, with the following features:
● Up to 256-KB code flash memory
● 32-KB SRAM
● 12-bit A/D Converter (ADC12)
● 12-bit D/A Converter (DAC12)
● Security features
1.1
Function Outline
Table 1.1
Arm core
Feature
Functional description
Arm Cortex-M23 core
● Maximum operating frequency: up to 48 MHz
● Arm Cortex-M23 core:
– Revision: r1p0-00rel0
– Armv8-M architecture profile
– Single-cycle integer multiplier
– 19-cycle integer divider
● Arm Memory Protection Unit (Arm MPU):
– Armv8 Protected Memory System Architecture
– 8 protect regions
● SysTick timer:
– Driven by SYSTICCLK (LOCO) or ICLK
Table 1.2
Memory
Feature
Functional description
Code flash memory
Maximum 256 KB of code flash memory.
Data flash memory
8 KB of data flash memory.
Option-setting memory
The option-setting memory determines the state of the MCU after a reset.
SRAM
On-chip high-speed SRAM with either parity bit or Error Correction Code (ECC).
Table 1.3
System (1 of 2)
Feature
Functional description
Operating modes
Two operating modes:
● Single-chip mode
● SCI boot mode
Resets
The MCU provides 13 resets.
Low Voltage Detection (LVD)
The Low Voltage Detection (LVD) module monitors the voltage level input to the VCC pin. The
detection level can be selected by register settings. The LVD module consists of three separate
voltage level detectors (LVD0, LVD1, LVD2). LVD0, LVD1, and LVD2 measure the voltage level
input to the VCC pin. LVD registers allow your application to configure detection of VCC changes
at various voltage thresholds.
Clocks
● Main clock oscillator (MOSC)
● Sub-clock oscillator (SOSC)
● High-speed on-chip oscillator (HOCO)
● Middle-speed on-chip oscillator (MOCO)
● Low-speed on-chip oscillator (LOCO)
● IWDT-dedicated on-chip oscillator (IWDTLOCO)
● Clock out support
RA2L1 Datasheet
1. Overview
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 2 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com