Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2409UM-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2409UM-RSP
Description  HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Marine
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2409UM-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2409UM-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2409UM-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Marine
Antenna Model: HG2409UM
Features
Applications:
2.4 GHz ISM Band
IEEE 802.11b, 802.11g and 802.11n Wireless LAN
Bluetooth®
WiFi
Multipoint applications
Marine, RV and Campground Public Wireless Hotspots
Can be used on Boats, RV's and Campers
Features:
Superior performance
Compact, lightweight design
Durable UV-stable fiberglass radome
Sealed end cap and drain holes in base
All weather operation
Mounts to standard 1"-14 thread marine antenna mounts
Features side-fed 3' coax lead with Reverse Polarity SMA-Plug connector
Optional Marine Mount available
Shown on Optional
Marine Antenna Mount
Description
High Performance
The HyperGain® HG2409UM-RSP is a high performance omnidirectional WiFi antenna designed for the 2.4 GHz ISM band. This
compact and lightweight antenna is ideally suited for IEEE 802.11b, 802.11g and 802.11n wireless LANs, public wireless
hotspots, Bluetooth® and other multipoint applications where high gain and wide coverage is desired. Designed for marine
applications, this antenna features a 3' side-fed coax lead with a reverse-polarity SMA Plug connector. Optional
extension/adapters cables are also available. The 1"-14 threaded base of this antenna allows it to be used with standard 1"-14
thread marine antenna mounts.
All Weather Operation
Constructed for all weather operation, the HG2409UM-RSP features sealed collinear brass elements inside a durable UV-stable
machine white fiberglass radome. A sealed end cap and drain holes in the base help prevent moisture build-up inside the
antenna.


Similar Part No. - HG2409UM-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2409U L-COM-HG2409U Datasheet
172Kb / 2P
2.4 GHz 8.5 dBi Omnidirectional Antenna - N-Male Connector
REV 2.0
HG2409U-PRO L-COM-HG2409U-PRO Datasheet
249Kb / 2P
HyperLink 2.4 GHz 9 dBi Omni-Directional Wireless LAN Antenna
HG2409U-PRO-5PK L-COM-HG2409U-PRO-5PK Datasheet
52Kb / 1P
2.4GHz 9dBi OMNI ANTENNA
05/02/11
HG2409UDT-PRO L-COM-HG2409UDT-PRO Datasheet
226Kb / 2P
2.4 GHz 9 dBi Omni-Directional with 7° Down-Tilt Antenna
HG2409UDT-PRO-5PK L-COM-HG2409UDT-PRO-5PK Datasheet
48Kb / 1P
2.4GHz 9dBi OMNI ANTENNA
04/28/11
More results

Similar Description - HG2409UM-RSP

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Skyworks Solutions Inc.
SE2623L-R SKYWORKS-SE2623L-R Datasheet
187Kb / 2P
2.4 GHz High-Power Wireless LAN Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com