Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AB3CFP Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R7FA4M2AB3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AB3CFP Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R7FA4M2AB3CFP Datasheet HTML 51Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 52Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 53Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 54Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 55Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 56Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 57Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 58Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
SSLn0
input
RSPCKn
CPOL = 0
input
RSPCKn
CPOL = 1
input
MISOn
output
MOSIn
input
tDr, tDf
tSA
tOH
tLEAD
tTD
tLAG
tH
LSB OUT
(Last data)
DATA
MSB OUT
MSB IN
DATA
LSB IN
MSB IN
LSB OUT
tSU
tOD
tREL
MSB OUT
Note:
n = A
Figure 2.40
SPI timing for slave when CPHA = 1
2.3.10
QSPI Timing
Table 2.28
QSPI timing
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
QSPI
QSPCK clock cycle
tQScyc
2
48
tPcyc
Figure 2.41
QSPCK clock high pulse
width
tQSWH
tQScyc × 0.4
—
ns
QSPCK clock low pulse
width
tQSWL
tQScyc × 0.4
—
ns
Data input setup time
tSu
10
—
ns
Figure 2.42
Data input hold time
tIH
0
—
ns
QSSL setup time
tLEAD
(N + 0.5) × tQscyc - 5*1
(N + 0.5) × tQscyc +
100*1
ns
QSSL hold time
tLAG
(N + 0.5) × tQscyc - 5*2
(N + 0.5) × tQscyc +
100*2
ns
Data output delay
tOD
—
4
ns
Data output hold time
tOH
–3.3
—
ns
Successive transmission
delay
tTD
1
16
tQScyc
Note:
tPcyc: PCLKA cycle.
Note 1. N is set to 0 or 1 in SFMSLD.
Note 2. N is set to 0 or 1 in SFMSHD.
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 55 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com