Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AB3CFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R7FA4M2AB3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AB3CFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R7FA4M2AB3CFP Datasheet HTML 6Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 7Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 8Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 9Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 10Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 11Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 12Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 13Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
1.4
Function Comparison
Table 1.14
Function Comparison (1 of 2)
Parts number
R7FA4M2AD3CFP
R7FA4M2AC3CFP
R7FA4M2AB3CFP
R7FA4M2AD3CFM
R7FA4M2AC3CFM
R7FA4M2AB3CFM
R7FA4M2AD3CFL
R7FA4M2AC3CFL
R7FA4M2AB3CFL
R7FA4M2AD3CNE
R7FA4M2AC3CNE
R7FA4M2AB3CNE
Pin count
100
64
48
48
Package
LQFP
QFN
Code flash memory
512KB
384KB
256KB
Data flash memory
8 KB
SRAM
128 KB
Parity
64 KB
ECC
64 KB
Standby SRAM
1 KB
DMA
DTC
Yes
DMAC
8
System
CPU clock
100 MHz (max.)
CPU clock sources
MOSC, SOSC, HOCO, MOCO, LOCO, PLL
CAC
Yes
WDT/IWDT
Yes
Backup register
128 B
Communication
SCI
6
IIC
2
1
SPI
1
CAN
1
USBFS
Yes
QSPI
Yes
SSIE
Yes
No
SDHI/MMC
Yes
No
Timers
GPT32*1
4
GPT16*1
4
AGT*1
6
RTC
Yes
Analog
ADC12
Unit 0: 13
Unit 0: 9
Unit 0: 7
DAC12
2
TSN
Yes
HMI
CTSU
12
7
4
Data processing
CRC
Yes
DOC
Yes
Event control
ELC
Yes
Security
SCE9, TrustZone, and Lifecycle management
RA4M2 Datasheet
1. Overview
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 10 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com