Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AB3CFP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R7FA4M2AB3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AB3CFP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R7FA4M2AB3CFP Datasheet HTML 11Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 12Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 13Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 14Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 15Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 16Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 17Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 18Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
Table 1.15
Pin functions (4 of 4)
Function
Signal
I/O
Description
Analog power supply
AVCC0
Input
Analog voltage supply pin. This is used as the analog power supply
for the respective modules. Supply this pin with the same voltage as
the VCC pin.
AVSS0
Input
Analog ground pin. This is used as the analog ground for the
respective modules. Supply this pin with the same voltage as the
VSS pin.
VREFH
Input
Analog reference voltage supply pin for the D/A Converter. Connect
this pin to AVCC0 when not using the D/A Converter.
VREFL
Input
Analog reference ground pin for the D/A Converter. Connect this pin
to AVSS0 when not using the D/A Converter.
VREFH0
Input
Analog reference voltage supply pin for the ADC12. Connect this pin
to AVCC0 when not using the ADC12.
VREFL0
Input
Analog reference ground pin for the ADC12. Connect this pin to
AVSS0 when not using the ADC12.
ADC12
ANmn
Input
Input pins for the analog signals to be processed by the A/D
converter.
(m: ADC unit number, n: pin number)
ADTRGm
Input
Input pins for the external trigger signals that start the A/D
conversion, active-low.
DAC12
DAn
Output
Output pins for the analog signals processed by the D/A converter.
CTSU
TSn
Input
Capacitive touch detection pins (touch pins)
TSCAP
I/O
Secondary power supply pin for the touch driver
I/O ports
Pmn
I/O
General-purpose input/output pins
(m: port number, n: pin number)
P200
Input
General-purpose input pin
RA4M2 Datasheet
1. Overview
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 15 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com