Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AB3CFP Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # R7FA4M2AB3CFP
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AB3CFP Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button R7FA4M2AB3CFP Datasheet HTML 84Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 85Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 86Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 87Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 88Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 89Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 90Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 91Page - Renesas Technology Corp R7FA4M2AB3CFP Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 93 page
background image
Table A3.1
Peripheral base address (2 of 2)
Name
Description
Base address
USBFS
USB 2.0 FS Module
0x4009_0000
SDHI0
SD Host Interface 0
0x4009_2000
SSIE0
Serial Sound Interface Enhanced (SSIE)
0x4009_D000
IIC0
Inter-Integrated Circuit 0
0x4009_F000
IIC0WU
Inter-Integrated Circuit 0 Wake-up Unit
0x4009_F014
IIC1
Inter-Integrated Circuit 1
0x4009_F100
CAN0
CAN0 Module
0x400A_8000
CTSU
Capacitive Touch Sensing Unit
0x400D_0000
PSCU
Peripheral Security Control Unit
0x400E_0000
AGT0
Low Power Asynchronous General purpose Timer 0
0x400E_8000
AGT1
Low Power Asynchronous General purpose Timer 1
0x400E_8100
AGT2
Low Power Asynchronous General purpose Timer 2
0x400E_8200
AGT3
Low Power Asynchronous General purpose Timer 3
0x400E_8300
AGT4
Low Power Asynchronous General purpose Timer 4
0x400E_8400
AGT5
Low Power Asynchronous General purpose Timer 5
0x400E_8500
TSN
Temperature Sensor
0x400F_3000
CRC
CRC Calculator
0x4010_8000
DOC
Data Operation Circuit
0x4010_9000
SCI0
Serial Communication Interface 0
0x4011_8000
SCI1
Serial Communication Interface 1
0x4011_8100
SCI2
Serial Communication Interface 2
0x4011_8200
SCI3
Serial Communication Interface 3
0x4011_8300
SCI4
Serial Communication Interface 4
0x4011_8400
SCI9
Serial Communication Interface 9
0x4011_8900
SPI0
Serial Peripheral Interface 0
0x4011_A000
SCE9
Secure Cryptographic Engine
0x4016_1000
GPT320
General PWM 32-Bit Timer 0
0x4016_9000
GPT321
General PWM 32-Bit Timer 1
0x4016_9100
GPT322
General PWM 32-Bit Timer 2
0x4016_9200
GPT323
General PWM 32-Bit Timer 3
0x4016_9300
GPT164
General PWM 16-Bit Timer 4
0x4016_9400
GPT165
General PWM 16-Bit Timer 5
0x4016_9500
GPT166
General PWM 16-Bit Timer 6
0x4016_9600
GPT167
General PWM 16-Bit Timer 7
0x4016_9700
GPT_OPS
Output Phase Switching Controller
0x4016_9A00
ADC120
12bit A/D Converter 0
0x4017_0000
DAC12
12-bit D/A converter
0x4017_1000
FLAD
Data Flash
0x407F_C000
FACI
Flash Application Command Interface
0x407F_E000
QSPI
Quad-SPI
0x6400_0000
Note:
Name = Peripheral name
Description = Peripheral functionality
Base address = Lowest reserved address or address used by the peripheral
RA4M2 Datasheet
Appendix 3. I/O Registers
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 88 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com