Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3689 Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # AS3689
Description  Flexible Lighting Management
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3689 Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button AS3689 Datasheet HTML 27Page - ams-OSRAM AG AS3689 Datasheet HTML 28Page - ams-OSRAM AG AS3689 Datasheet HTML 29Page - ams-OSRAM AG AS3689 Datasheet HTML 30Page - ams-OSRAM AG AS3689 Datasheet HTML 31Page - ams-OSRAM AG AS3689 Datasheet HTML 32Page - ams-OSRAM AG AS3689 Datasheet HTML 33Page - ams-OSRAM AG AS3689 Datasheet HTML 34Page - ams-OSRAM AG AS3689 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
AS3689
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (mlg, ptr)
Revision 1.0.2 / 20070115
29 - 70
Addr: 10h
Curr3x other
This register selects the current of the current sinks30..33
Bit
Bit Name
Default
Access Description
5:0
curr3x_other
00
R/W
Selects curr3x current, if curr30, curr31, curr32 or curr33 are not
used for strobe/preview (CurX_mode=11b)
00h = 0 mA
01h = 0.6mA
...
3Fh = 37.8mA
Addr: 03h
curr3 control
This register select the mode of the current sinks30 - 33
Bit
Bit Name
Default
Access
Description
1:0
curr30_mode
0
R/W
Select the mode of the current sink curr30
00b = off
01b = strobe/preview
10b = curr3x_other PWM controlled
11b = curr3x_other
3:2
curr31_mode
0
R/W
Select the mode of the current sink curr31
00b = off
01b = strobe/preview
10b = curr3x_other PWM controlled
11b = curr3x_other
5:4
curr32_mode
0
R/W
Select the mode of the current sink curr32
00b = off
01b = strobe/preview
10b = curr3x_other PWM controlled
11b = curr3x_other
7:6
curr33_mode
0
R/W
Select the mode of the current sink curr33
00b = off
01b = strobe/preview
10b = curr3x_other PWM controlled
11b = curr3x_other
Addr: 18h
Pattern control
This register controls the RGB pattern
Bit
Bit Name
Default
Access
Description
0
pattern_color
0
R/W
Defines the pattern type for the RGBx current sinks
0b = single 32 bit pattern (also set rgbx_mode = 11)
1b = RGB pattern with each 10 bits (set all rgbx_mode = 11)
2:1
pattern_delay
0
R/W
Delay between pattern
00b = 0 sec
01b = 1 sec
10b = 2 sec
11b = 3 sec
3
softdim_pattern
0b
R/W
Enable the ‘soft’ dimming feature for the pattern generator
0 = Pattern generator directly control current sources
1 = ‘Soft Dimming’ is performed – see section ’Soft Dimming
for pattern’
4
curr30_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR30 controlled according curr30_mode register
1b = CURR30 controlled by LED pattern generator
5
curr31_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR31 controlled according curr31_mode register
1b = CURR31 controlled by LED pattern generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com