Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C11 Datasheet(PDF) 32 Page - ams-OSRAM AG

Part # C11
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C11 Datasheet(HTML) 32 Page - ams-OSRAM AG

Back Button C11 Datasheet HTML 28Page - ams-OSRAM AG C11 Datasheet HTML 29Page - ams-OSRAM AG C11 Datasheet HTML 30Page - ams-OSRAM AG C11 Datasheet HTML 31Page - ams-OSRAM AG C11 Datasheet HTML 32Page - ams-OSRAM AG C11 Datasheet HTML 33Page - ams-OSRAM AG C11 Datasheet HTML 34Page - ams-OSRAM AG C11 Datasheet HTML 35Page - ams-OSRAM AG C11 Datasheet HTML 36Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
30 - 70
Curr3x strobe
Addr: 0Eh
This register select the strobe current of the current sinks30..33
Bit
Bit Name
Default
Access Description
7:0
curr3x_strobe
00
R/W
Selects strobe current (curr3x_strobe_high can double the current
setting)
00h = 0 mA
01h = 0.6mA (1.25mA if curr3x_strobe_high = 1)
...
F0h = 150mA (300mA if curr3x_strobe_high = 1)
…
FFh = 153mA
Note: Do not exceed 300mA for curr3x_strobe.
Curr3x preview
Addr: 0Fh
This register select the preview current of the current sinks30..33
Bit
Bit Name
Default
Access Description
7:0
curr3x_preview
00
R/W
Selects peview current
00h = 0 mA
01h = 0.6mA
...
FFh = 153mA
Curr3x other
Addr: 10h
This register selects the current of the current sinks30..33
Bit
Bit Name
Default
Access Description
7:0
curr3x_other
00
R/W
Selects curr3x current, if curr30, curr31, curr32 or curr33 are not
used for strobe/preview (CurX_mode=11b)
00h = 0 mA
01h = 0.6mA
...
FFh = 153mA
curr3 control
Addr: 03h
This register select the mode of the current sinks30 - 33
Bit
Bit Name
Default
Access
Description
1:0
curr30_mode
0
R/W
Select the mode of the current sink curr30
00b = off
01b = strobe/preview
10b = curr3x_other PWM controlled
11b = curr3x_other; do not use softdim_pattern=1
3:2
curr31_mode
0
R/W
Select the mode of the current sink curr31
00b = off
01b = strobe/preview
10b = curr3x_other PWM controlled
11b = curr3x_other; do not use softdim_pattern=1
5:4
curr32_mode
0
R/W
Select the mode of the current sink curr32
00b = off
01b = strobe/preview
10b = curr3x_other PWM controlled
11b = curr3x_other; do not use softdim_pattern=1
7:6
curr33_mode
0
R/W
Select the mode of the current sink curr33
00b = off
01b = strobe/preview
10b = curr3x_other PWM controlled
11b = curr3x_other; do not use softdim_pattern=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com