Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C11 Datasheet(PDF) 70 Page - ams-OSRAM AG

Part # C11
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C11 Datasheet(HTML) 70 Page - ams-OSRAM AG

Back Button C11 Datasheet HTML 64Page - ams-OSRAM AG C11 Datasheet HTML 65Page - ams-OSRAM AG C11 Datasheet HTML 66Page - ams-OSRAM AG C11 Datasheet HTML 67Page - ams-OSRAM AG C11 Datasheet HTML 68Page - ams-OSRAM AG C11 Datasheet HTML 69Page - ams-OSRAM AG C11 Datasheet HTML 70Page - ams-OSRAM AG C11 Datasheet HTML 71Page - ams-OSRAM AG C11 Datasheet HTML 72Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
68 - 70
11 Ordering Information
Device ID
Part Number
Package Type
Delivery Form*
Description
AS3688-EAA-Z
QFN 32
Tape and Reel
5 x 5mm, Pitch = 0.5mm
AS3688-PDR-Z
AS3688-EBA-Z
QFN 32
Tube
5 x 5mm, Pitch = 0.5mm
AS3688B-EAA-Z
QFN 32
Tape and Reel
AS3688B-PDR-Z
AS3688B-EBA-Z
QFN 32
Tube
5 x 5mm, Pitch = 0.5mm; version with
CURR42 and CURR43 current
source but without dcdc converter
Where:
P = Package Type:
E = QFN 5 x 5 x 1mm
D = Delivery Form:
A = Tape and Reel
B = Tube
R = Revision
Z =
Pb-Free IC Package
* Dry-pack sensitivity level = 3 in accordance with IPC/JEDEC J-STD-033A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com