Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C11 Datasheet(PDF) 41 Page - ams-OSRAM AG

Part # C11
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C11 Datasheet(HTML) 41 Page - ams-OSRAM AG

Back Button C11 Datasheet HTML 37Page - ams-OSRAM AG C11 Datasheet HTML 38Page - ams-OSRAM AG C11 Datasheet HTML 39Page - ams-OSRAM AG C11 Datasheet HTML 40Page - ams-OSRAM AG C11 Datasheet HTML 41Page - ams-OSRAM AG C11 Datasheet HTML 42Page - ams-OSRAM AG C11 Datasheet HTML 43Page - ams-OSRAM AG C11 Datasheet HTML 44Page - ams-OSRAM AG C11 Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
39 - 70
Addr: 2Ch
gpio_current
Bit
Bit Name
Default
Access
Description
6
pattern_slow
0
R/W
Pattern timing control
0b = normal mode
1b = slow mode (all pattern times are increased by a
factor of eight)
7.4.6 Overtemp comparator
If the LED temperature for CURR3x flash led is monitored with an external temperature sensor, the current sink
CURR3x can be automatically switched from strobe to preview current levels, if the external temperature sensor’s
voltage drops below VOVtemp. to avoid overheating of the flash LED.
The overtemperature comparator is multiplexed to GPIO2 and is switched on automatically, if Bit
curr3x_ext_ovtemp is set.
Table
15 – Overtemp comparator Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
VOVtemp
Comparator switch level
1.22
1.25
1.28
V
7.4.6.1 Overtemp comparator Registers
Curr3 control1
Addr: 12h
This register select the modes of the current sinks30..33 current.
Bit
Bit Name
Default
Access Description
0
preview_off_after
strobe
0b
R/W
Select the switch off mode after strobe pulse
0=normal preview/strobe mode,
1=switch off preview after strobe duration has expired
2:1
preview_ctrl
00b
R/W
Preview is triggered by
00b = off
01b = software trigger
10b = GPIO active high
11b = GPIO active low
3
0
0b
R/W
reserved
4
curr3x_ext_ovtemp
0b
R/W
Selects overtemperature switch off of flash LED
0b = normal operation of CURR3x
1b = if the voltage on GPIO drops below 1.25V (above 1.25V if
ext_ov_temp_inv=1), CURR3x is switched from strobe to preview
current levels
(can be used to monitor the temperature of the flash led or as
general input to reduce the current through the flash LED e.g. to
temporarily reduce the current from the battery)
5
curr3x_strobe_high
0b
R/W
Doubles curr3x current during strobe
0b = normal operation of CURR3x (0..160 mA)
1b = Doubles current during strobe (0..320mA)
6
0
0b
R/W
reserved
7
curr33_pattern
0b
R/W
Additional CURR33 control bit
0b = CURR33 controlled according curr33_mode register
1b = CURR33 controlled by LED pattern generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com