Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C11 Datasheet(PDF) 63 Page - ams-OSRAM AG

Part # C11
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C11 Datasheet(HTML) 63 Page - ams-OSRAM AG

Back Button C11 Datasheet HTML 59Page - ams-OSRAM AG C11 Datasheet HTML 60Page - ams-OSRAM AG C11 Datasheet HTML 61Page - ams-OSRAM AG C11 Datasheet HTML 62Page - ams-OSRAM AG C11 Datasheet HTML 63Page - ams-OSRAM AG C11 Datasheet HTML 64Page - ams-OSRAM AG C11 Datasheet HTML 65Page - ams-OSRAM AG C11 Datasheet HTML 66Page - ams-OSRAM AG C11 Datasheet HTML 67Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
61 - 70
Register Name
Adr
ess
Defa
ult
Content
b7
b6
b5
b4
b3
b2
b1
b0
Ext. Charge pump
mode
1Dh
00h
cp_ext_
lowcurr
cp_ext_clk
cp_ext_mode
GPIO01_control
1Eh
44h
gpio1_pulls
gpio1_mode
gpio0_pulls
gpio0_mode
GPIO2_control
1Fh
0Ch
gpio2_pulls
gpio2_mode
GPIO driving cap
20h
00h
gpio3_l
ow_cur
r
gpio2_l
ow_cur
r
gpio1_l
ow_cur
r
gpio0_lo
w_curr
DCDC control1
21h
00h
step_up_vtuning
step_up_fb
step_up
_frequ
DCDC control2
22h
04h
step_u
p_fb_a
uto
curr2_p
rot_on
curr1_p
rot_on
step_u
p_lowc
ur
step_u
p_prot
skip_fa
st
step_up
_res
CP control
23h
00h
cp_aut
o_on
cp_mode_switchin
g
cp_mode
cp_clk
CP mode Switch1
24h
00h
rgb3_o
n_cp
rgb2_o
n_cp
rgb1_o
n_cp
curr33_
on_cp
curr32_
on_cp
curr31_
on_cp
curr30_
on_cp
CP mode Switch2
25h
00h
curr43_
on_cp
curr42_
on_cp
curr41_
on_cp
curr2_o
n_cp
curr1_o
n_cp
ADC_control
26h
00h
start_c
onversi
on
adc_select
ADC_MSB result
27h
NA
result_
not_rea
dy
D9
D8
D7
D6
D5
D4
D3
ADC_LSB result
28h
NA
D2
D1
D0
Overtemp control
29h
01h
rst_ov_
temp
ov_tem
p
ov_tem
p_on
Curr low voltage
status1
2Ah
NA
rgb3_lo
w_v
rgb2_lo
w_v
rgb1_lo
w_v
curr33_
low_v
curr32_
low_v
curr31_
low_v
curr30_l
ow_v
Curr low voltage
status2
2Bh
NA
ovtemp
_ext
curr43_
low_v
curr42_
low_v
curr41_
low_v
curr2_l
ow_v
curr1_lo
w_v
Gpio current
2Ch
00h
0
pattern
_slow
0
0
gpio2_current
ext_ov_t
emp_inv
Adder Current 1
30h
00h
adder_current1 (can be enabled for RGB1, CURR41, CURR1)
Adder Current 2
31h
00h
adder_current2 (can be enabled for RGB2, CURR42, CURR2)
Adder Current 3
32h
00h
adder_current3 (can be enabled for RGB3, CURR43)
Adder Enable 1
33h
00h
curr43_
adder
curr42_
adder
curr41_
adder
rgb3_a
dder
rgb2_a
dder
rgb1_ad
der
Adder Enable 2
34h
00h
curr2_a
dder
curr1_a
dder
Subtract Enable
35h
00h
sub_en
3
sub_en
2
sub_en
1
ASIC ID1
3Eh
C9h
1
1
0
0
1
0
0
1
ASIC ID2
3Fh
5xh
0
1
0
1
revision
Note: If writing to register, write 0 to unused bits
Note: Write to read only bits will be ignored
Note: y yellow color = read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com