Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7211 Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS7211 Datasheet HTML 1Page - ams-OSRAM AG AS7211 Datasheet HTML 2Page - ams-OSRAM AG AS7211 Datasheet HTML 3Page - ams-OSRAM AG AS7211 Datasheet HTML 4Page - ams-OSRAM AG AS7211 Datasheet HTML 5Page - ams-OSRAM AG AS7211 Datasheet HTML 6Page - ams-OSRAM AG AS7211 Datasheet HTML 7Page - ams-OSRAM AG AS7211 Datasheet HTML 8Page - ams-OSRAM AG AS7211 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ams Datasheet
Page 3
[v1-00] 2016-Dec-23
Document Feedback
AS7211 − General Description
Block Diagram
Figure 2:
Functional Blocks of AS7211
Block Diagram: The AS7211 provides closed loop ambient Daylight sensing and PWM tuning while interfacing
to Local and Network controls.
VDD
VDDHV
GND
MISO
SCK
MOSI
CSN_SD
SCL_M
SDA_M
SYNC / RESN
°C
AUX
TX
RX
0-10V
PWM_1 / 0_10V_O
DAC
LED_IND
PWM
Generator
MODE
PWM_2
PWM_3
0_10V_DIM
Dimming&
Occupancy
UART
I
2C Master
SPI
Master
OSC
16MHz
Photopic
Sensors
PWM
VDD
VDD
VDD
VDD
VDD
VDD
VDDHV
VDDHV
Optional Inputs
Setup
Outputs
Cognitive Lighting
Engine (CLE)
Network Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com