Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7211 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS7211 Datasheet HTML 8Page - ams-OSRAM AG AS7211 Datasheet HTML 9Page - ams-OSRAM AG AS7211 Datasheet HTML 10Page - ams-OSRAM AG AS7211 Datasheet HTML 11Page - ams-OSRAM AG AS7211 Datasheet HTML 12Page - ams-OSRAM AG AS7211 Datasheet HTML 13Page - ams-OSRAM AG AS7211 Datasheet HTML 14Page - ams-OSRAM AG AS7211 Datasheet HTML 15Page - ams-OSRAM AG AS7211 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
ams Datasheet
Page 11
[v1-00] 2016-Dec-23
Document Feedback
AS7211 − Electrical Characteristics
Figure 11:
SPI Master Read Timing Diagram
Figure 12:
Typical Spectral Responsivity
Figure 13:
AS7211 Optical Characteristics
Note(s):
1. Calibration and measurements are made using diffused light
Symbol
Parameter
Conditions
Min
Max
Unit
SOLUX
(1)
Sensor Output
White Light
CCT=2700K, 3500K, 4500K, 5700K and incandescent
-10%
+10%
LUX
DRLUX
(1)
Dynamic Range
10
60000
LUX
tDI_V
CSN_xx
MOSI
MISO
SCK
LSB
tSCK_H
tSCK_L
Dont care
MSB
Wave Length [nm]
Ys(l)
Photopic Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com