Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7211 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS7211 Datasheet HTML 12Page - ams-OSRAM AG AS7211 Datasheet HTML 13Page - ams-OSRAM AG AS7211 Datasheet HTML 14Page - ams-OSRAM AG AS7211 Datasheet HTML 15Page - ams-OSRAM AG AS7211 Datasheet HTML 16Page - ams-OSRAM AG AS7211 Datasheet HTML 17Page - ams-OSRAM AG AS7211 Datasheet HTML 18Page - ams-OSRAM AG AS7211 Datasheet HTML 19Page - ams-OSRAM AG AS7211 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
ams Datasheet
Page 15
[v1-00] 2016-Dec-23
Document Feedback
AS7211 − Detailed Description
Figure 17:
0-10V Dimming Pin Input
The auxiliary sensor input (AUX) can be configured for 0-10V
analog sensing using a 5:1 resistor divider or can be configured
for digital sensing. Both types are common for external
occupancy sensors. If the AUX pin is not used, an external
resistor pull-up connecting it to VDD is recommended. Refer to
AS7211 User Guide as well as the ams Smart Lighting Command
document for additional usage and setup information.
External sensors with native support by the AS7211 can be
added via the I²C master interface for temperature, humidity,
ambient light and other types of sensing.
Synchronization and Reset
Figure 18:
Synchronization and Reset Circuit
Synchronization and Reset Circuit: This figure shows the basic diagram when using reset and synchronization
function together.
0_10V_DIM
0-10V Analog Input
AS7211
CLE
10V
0
ADC
VDD
VDDHV
3.3V
12V
0_10V
0-10V Analog Input
AS7211
CLE
10V
0
ADC
VDD
VDDHV
3.3V
5:1
Rin=200k typ.
0_10V_DIM
MODE
MODE
RMODE
RMODE
SYNC and Reset
CLE
SYNC/
RESN
Opto Coupler
AC Main
Push > 100ms
10k
optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com