Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7211 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS7211 Datasheet HTML 13Page - ams-OSRAM AG AS7211 Datasheet HTML 14Page - ams-OSRAM AG AS7211 Datasheet HTML 15Page - ams-OSRAM AG AS7211 Datasheet HTML 16Page - ams-OSRAM AG AS7211 Datasheet HTML 17Page - ams-OSRAM AG AS7211 Datasheet HTML 18Page - ams-OSRAM AG AS7211 Datasheet HTML 19Page - ams-OSRAM AG AS7211 Datasheet HTML 20Page - ams-OSRAM AG AS7211 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-23
AS7211 − Detailed Description
AS7211 provides optional synchronization of the PWMs. This
sync signal can be derived from the AC mains so, for example,
all luminaires in a room are synchronized to prevent beat
frequency flicker. If the SYNC pin is left open, synchronization
is automatically disabled.
Refer to the Figure above. When pulled down for more than
100ms the SYNC/RESN pin will reset the AS7211 Smart Lighting
Manager. In this case the push-button “overrides” the output of
the opto-coupler. Therefore a resistor should be placed in series
with the opto-coupler.
AS7211 Outputs
The AS7211 outputs, used to control ballast dimming and/or
LED string dimming, can be configured as either three PWM
outputs or two PWMs and one analog output. The PWMs are 12
bit and are factory set to 888Hz. Refer to the Figure below.
The three PWM outputs, PWM_1, PWM_2 and PWM_3 all switch
with the same frequency, but not simultaneously for better EMI
performance.
The PWM_1 output can be set to either analog (0-VDDHV) or
digital (0-VDDHV ) dimming. Analog dimming range is 0-100%.
Digital Dimming range is 0-100%. PWM2 and PWM3 track
output 1 dimming level, but are always digital (0-100%).
To set the desired device operation MODE use the appropriate
RMODE resistor, also shown in the Figure below.
Figure 19:
Outputs
Note(s):
1. For VDDHV>10.5, output max is 10V, else output max tracks VDDHV.
Indicator LED
An LED, connected to pin LED_IND, is used to indicate
programming progress of the device. During programming of
the AS7211 via an external SD card the indicator LED starts
operation. When programming is finished the indicator LED is
off. The LED_IND pin is set for 1mA operation by the AS7211
factory firmware, and is not under user control.
Refer to the separate ams document for a complete description
of AS7211 Firmware Update Methodology.
MODE
RMODE
Setting
Outputs
PWM_1/0_10V_O
PWM_2 & PWM_3
0
100 Ω
0-10V analog
Analog 0-VDDHV (1)
Digital PWMs (0-VDD)
1
470 Ω
0-10V digital
Digital PWM
(0-VDDHV) (1)
Digital PWMs (0-VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com