Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261-BLGT Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS7261-BLGT
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7261-BLGT Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS7261-BLGT Datasheet HTML 1Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 2Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 3Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 4Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 5Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 6Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 7Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 8Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-30
AS7261 − General Description
Application s
The AS7261 applications include:
• Color measurement and absorbance
• Color matching and identification
• Precision color tuning/calibration
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
AS7261 Chromatic White Color System
• Electronic shutter control/synchronization
• Programmable LED drivers
• Low voltage operation
• 2.7V to 3.6V with I²C interface
• Small, robust package, with built-in aperture
• 20-pin LGA package 4.5mm x 4.7mm x 2.5mm
• -40°C to 85°C temperature range
Benefits
Features
100nF
RX / SCL_S
GND
LED_DRV
SCK
CSN_EE
MISO
MOSI
VDD1
VDD2
AS7261
uP
10uF
3.3V
3.3V
TX / SDA_S
LED_IND
3.3V
Flash
Memory
XYZ, NIR,
C & D
Sensors
Light
Source
Light in
Reflective
Surface
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com