Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261-BLGT Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS7261-BLGT
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7261-BLGT Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS7261-BLGT Datasheet HTML 12Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 13Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 14Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 15Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 16Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 17Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 18Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 19Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
ams Datasheet
Page 15
[v1-00] 2016-Dec-30
Document Feedback
AS7261 − Detailed Descriptions
Temperature Sensor
The internal temperature sensor is constantly measuring the
on-chip temperature and enables temperature compensation
procedures. It can be read via I²C or AT Command.
Reset
Pulling down the RESN pin for longer than 100ms resets the
AS7261.
Figure 18:
Reset Circuit
Indicator LED for Flash Memory Programming
Progress
The LED, connected to pin LED_IND, can be used to indicate
Flash memory programming progress of the device. While
programming the AS7261 via the external SD card the indicator
LED automatically starts flashing. When programming is
completed the indicator LED is automatically switched off. The
Flash Memory Programming is initiated by the user as needed,
but once started the LED flashing is not under user control.
Electronic Shutter with LED_IND or LED_DRV
Driver Control
Under user control there are two LED driver outputs that can
be used to control LEDs on each driver pin. This allows different
wavelength light sources to be used in the same system. The
LED output sink currents are programmable and can drive
external LED sources: LED_IND for 1mA, 2mA, 4mA or 8mA and
LED_DRV for 12.5mA, 25mA, 50mA or 100mA. After
programming for current the sources can be turned off and on
via I²C registers or AT commands to provide the AS7261 with an
electronic shutter capability.
Reset
AS7261
Cognitive
Lighting
Engine
RESN
Push > 100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com