Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261-BLGT Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS7261-BLGT
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7261-BLGT Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS7261-BLGT Datasheet HTML 6Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 7Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 8Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 9Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 10Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 11Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 12Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 13Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
ams Datasheet
Page 9
[v1-00] 2016-Dec-30
Document Feedback
AS7261 − Electrical Characteristics
Figure 9:
AS7261SPI Slave Timing Characteristics
Figure 10:
SPI Master Write Timing Diagram
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SPI Interface
fSCLK
Clock Frequency
0
16
MHz
tSCK_H
Clock high time
40
ns
tSCK_L
Clock low time
40
ns
tSCK_RISE
SCK rise time
5
ns
tSCK_FALL
SCK fall time
5
ns
tCSN_S
CSN setup time
Time between CSN
high-low transition to first
SCK high transition
50
ns
tCSN_H
CSN hold time
Time between last SCK
falling edge and CSN
low-high transition
100
ns
tCSN_DIS
CSN disable time
100
ns
tDO_S
Data-out setup time
5
ns
tDO_H
Data-out hold time
5
ns
tDI_V
Data-in valid
10
ns
tDO_H
tCSN_H
CSN
MOSI
MISO
SCK
tCSN_S
MSB
tDO_S
LSB
HI-Z
HI-Z
tCSN_DIS
tSCK_RISE
tSCK_FALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com