Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261-BLGT Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS7261-BLGT
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7261-BLGT Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS7261-BLGT Datasheet HTML 1Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 2Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 3Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 4Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 5Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 6Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 7Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 8Page - ams-OSRAM AG AS7261-BLGT Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
ams Datasheet
Page 1
[v1-00] 2016-Dec-30
Document Feedback
AS7261
XYZ Chromatic White Color Sensor +
NIR with Electronic Shutter and Smart
Interface
The AS7261is a chromatic white color sensor providing direct
XYZ color coordinates consistent with the CIE 1931 2° Standard
Observer color coordinates. It also maps the XYZ coordinates
to the x, y (Y) of the 2-dimensional color gamut and scales the
coordinates to the CIE 1976 u’v’ coordinate system.
The device provides accurate Correlated Color Temperature
(CCT) measurements and provides color point deviation from
the black body curve for white light color in the delta u’ v’
coordinate system. It also integrates a Near-IR channel for other
applications. LED drivers with programmable currents are
provided for electronic shutter applications.
The AS7261 integrates Gaussian filters into standard CMOS
silicon via Nano-optic deposited interference filter technology
and is packaged in an LGA package that provides a built in
aperture to control the light entering the sensor array.
Control and spectral data access is implemented through either
the I²C register set, or with a high level AT Spectral Command
set via a serial UART.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS7261, XYZ Chromatic White
Color Sensor + NIR with Electronic Shutter and Smart Interface
are listed below:
Figure 1:
AS7261 Benefits and Features
Benefits
Features
• Calibrated Chromatic white data
• XYZ
• xy data (CIE 1931)
• DUV, u’v’, uv (CIE 1976)
• CCT, LUX
• Simple text-based command interface via UART,
or direct register read and write with interrupt
on sensor ready option on I²C
• UART or I²C slave digital Interface
• Lifetime-calibrated sensing with minimal drift
over time or temperature
• Filter set realized by silicon interference filters
• No additional signal conditioning required
• 16-bit ADC with digital access
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com