Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7263 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button AS7263 Datasheet HTML 19Page - ams-OSRAM AG AS7263 Datasheet HTML 20Page - ams-OSRAM AG AS7263 Datasheet HTML 21Page - ams-OSRAM AG AS7263 Datasheet HTML 22Page - ams-OSRAM AG AS7263 Datasheet HTML 23Page - ams-OSRAM AG AS7263 Datasheet HTML 24Page - ams-OSRAM AG AS7263 Datasheet HTML 25Page - ams-OSRAM AG AS7263 Datasheet HTML 26Page - ams-OSRAM AG AS7263 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Page 22
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7263 − Detailed Description
Detailed Register Description
Figure 22:
HW Version Registers
Sensor Calibrated Data Registers
0x14:
0x17
R_Cal
Channel R Calibrated Data (float)
0x18:
0x1B
S_Cal
Channel S Calibrated Data (float)
0x1C:
0x1F
T_Cal
Channel T Calibrated Data (float)
0x20:
0x23
U_Cal
Channel U Calibrated Data (float)
0x24:
0x27
V_Cal
Channel V Calibrated Data (float)
0x28:
0x2B
W_Cal
Channel W Calibrated Data (float)
Addr: 0x00
HW_Version
Bit
Bit Name
Default
Access
Bit Description
7:0
Device Type
0100000
R
Device type number.
Addr: 0x01
HW_Version
Bit
Bit Name
Default
Access
Bit Description
7:0
HW Version
00111111
R
Hardware version.
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com