Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7263 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button AS7263 Datasheet HTML 15Page - ams-OSRAM AG AS7263 Datasheet HTML 16Page - ams-OSRAM AG AS7263 Datasheet HTML 17Page - ams-OSRAM AG AS7263 Datasheet HTML 18Page - ams-OSRAM AG AS7263 Datasheet HTML 19Page - ams-OSRAM AG AS7263 Datasheet HTML 20Page - ams-OSRAM AG AS7263 Datasheet HTML 21Page - ams-OSRAM AG AS7263 Datasheet HTML 22Page - ams-OSRAM AG AS7263 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Page 18
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7263 − Detailed Description
Figure 18:
I²C Slave Device Address and Physical Registers
I²C Virtual Register Write Access
Figure 19 shows the pseudocode necessary to write virtual
registers on the AS7263. Note that, because the actual registers
of interest are realized as virtual registers, a means of indicating
whether there is a pending read or write operation of a given
virtual register is needed. To convey this information, the most
significant bit of the virtual register address is used as a marker.
If it is 1, then a write is pending, otherwise the slave is expecting
a virtual read operation. The pseudocode illustrates the proper
technique for polling of the I²C slave status register to ensure
the slave is ready for each transaction.
Entity
Description
Note
Device Slave
Address
8-bit Slave Address
Byte = 1001 001x
x= 1 for Master Read (byte = 93 hex)
x= 0 for Master Write (byte = 92 hex)
STATUS
Register
I²C slave interface STATUS
register.
Read-only.
Register Address = 0x00
Bit 1: TX_VALID
0 -> New data may be written to WRITE register
1 -> WRITE register occupied. Do NOT write.
Bit 0: RX_VALID
0 -> No data is ready to be read in READ register.
1 -> Data byte available in READ register.
WRITE Register
I²C slave interface WRITE
register.
Write-only.
Register Address = 0x01
8 Bits of data written by the I²C Master intended
for receipt by the I²C slave. Used for both virtual
register addresses and write data.
READ Register
I²C slave interface
READ register.
Read-only.
Register Address = 0x02
8 Bits of data to be read by the I²C Master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com