Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7263 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS7263 Datasheet HTML 10Page - ams-OSRAM AG AS7263 Datasheet HTML 11Page - ams-OSRAM AG AS7263 Datasheet HTML 12Page - ams-OSRAM AG AS7263 Datasheet HTML 13Page - ams-OSRAM AG AS7263 Datasheet HTML 14Page - ams-OSRAM AG AS7263 Datasheet HTML 15Page - ams-OSRAM AG AS7263 Datasheet HTML 16Page - ams-OSRAM AG AS7263 Datasheet HTML 17Page - ams-OSRAM AG AS7263 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Datasheet, Public
Page 13
[v4-00] 2022-Nov-30
Document Feedback
AS7263 − Detailed Description
Figure 14:
Internal Block Diagram
6-Channel NIR Spectral_ID Detector
The AS7263 6-channel Spectral_ID is a next-generation digital
spectral sensor device. Each channel has a Gaussian filter
characteristic with a full width half maximum (FWHM)
bandwidth of 20nm. The channels are spaced roughly at 50nm
intervals in the NIR spectrum: R, S, T, U, V, W. The sensor contains
analog-to-digital converters (16-bit resolution ADC), which
integrate the current from each channel’s photodiode. Upon
completion of the conversion cycle, the integrated result is
transferred to the corresponding data registers. The transfers
are double-buffered to ensure that the integrity of the data is
maintained.
Interference filters enable high temperature stability and
eliminate lifetime drift. Filter accuracy will be affected by the
angle of incidence, and require 0° angle of incidence ±20.0° for
specified accuracy. Angles of light beyond this will shift the
spectral response of the filters. The LGA package aperture
assists in the control of the light input, helping to maintain the
proper angle of incidence at the sensors.
Detailed Description
RC Osc
Spectral_ID
Engine
VDD1
VDD2
GND
16MHz
MISO
SCK
MOSI
CSN_SD
SYNC / RESN
°C
SPI
Master
TX / SDA_S
RX / SCL_S
UART / I
2C
LED_DRV
RS T
Multi
Spectral
Sensor
U
LED_IND
V W
I2C_ENB
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com