Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7263 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS7263 Datasheet HTML 18Page - ams-OSRAM AG AS7263 Datasheet HTML 19Page - ams-OSRAM AG AS7263 Datasheet HTML 20Page - ams-OSRAM AG AS7263 Datasheet HTML 21Page - ams-OSRAM AG AS7263 Datasheet HTML 22Page - ams-OSRAM AG AS7263 Datasheet HTML 23Page - ams-OSRAM AG AS7263 Datasheet HTML 24Page - ams-OSRAM AG AS7263 Datasheet HTML 25Page - ams-OSRAM AG AS7263 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Datasheet, Public
Page 21
[v4-00] 2022-Nov-30
Document Feedback
AS7263 − Detailed Description
I²C Virtual Register Set
The figure below provides a summary of the AS7263 I²C register
set. Figures after that provide additional details. All register
data is hex or, where noted, 32-bit floating point, and all
multi-byte entities are Big Endian (most significant byte is
situated at the lowest register address).
Figure 21:
I²C Register Set Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
Version Registers
0x00:
0x01
HW_Version
Hardware Version
0x02:
0x03
FW_Version
Firmware Version
Control Registers
0x04
Control_Setup
RST
INT
GAIN
Bank
DATA_
RDY
RSVD
0x05
INT_T
Integration Time
0x06
Device_Temp
Device Temperature
0x07
LED_Control
RSVD
ICL_DRV
LED_
DRV
ICL_IND
LED_IND
Sensor Raw Data Registers
0x08
R_High
Channel R High Data Byte
0x09
R_Low
Channel R Low Data Byte
0x0A
S_High
Channel S High Data Byte
0x0B
S_Low
Channel S Low Data Byte
0x0C
T_High
Channel T High Data Byte
0x0D
T_Low
Channel T Low Data Byte
0x0E
U_High
Channel U High Data Byte
0x0F
U_Low
Channel U Low Data Byte
0x10
V_High
Channel V High Data Byte
0x11
V_Low
Channel V Low Data Byte
0x12
W_High
Channel W High Data Byte
0x13
W_Low
Channel W Low Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com