Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2W-RAN-WC1JP Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # A2W-RAN-WC1JP
Description  Wireless Pushbutton Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A2W-RAN-WC1JP Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button A2W-RAN-WC1JP Datasheet HTML 2Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 3Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 4Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 5Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 6Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 7Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 8Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 9Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
A2W
6
Parts Names and Functions
Button
Flange
Reception Confirmation LED
Strap hole
Slave button
AB C D E
F GH I JK
M N O
L
S
T
W
QP
V
U
R
Master Unit
Number Terminal
name
Name
Functions
A
24 VDC
Power
supply
terminals
Supply 24 VDC.
B
24 VDC
C
0 V 1
D
0 V 2
E
CLR
Error clear
terminal
Connect the error clear terminal to 0V (GND).
F
OUT 1
Output
terminals
Connects the output signal line.
There are two output types: sinking and
sourcing.
•A2W-R
@N-WC1 @@: Sinking Outputs
•A2W-R
@P-WC1 @@: Sourcing Outputs
G
OUT 2
H
OUT 3
I
OUT 4
J
OUT 5
K
OUT 6
L
OUT 7
M
OUT 8
N
ERR
Error
output
terminal
Connects the error signal line.
There are two output types: sinking and
sourcing.
•A2W-R
@N-WC1 @@: Sinking Outputs
•A2W-R
@P-WC1 @@: Sourcing Outputs
O
COM
Common
terminal for
outputs
Used as common for output and error output.
P
-
Antenna
terminal
Connect the included pencil antenna.
(Optional antenna A2W-AT2.5-WC1 can also
be connected.)
It transmits and receives data by wireless
communications via the antenna.
Q
-
Reset
switch
• Delete the Slave button registration
information corresponding to the output
settings switch.
• By pressing the output settings switch in the
"ERR CLR" state when an error output is
generated, error output will be reset.
• When the power is turned ON in the
pressed state, it is reset to the factory
setting.
Number Terminal
name
Name
Functions
R
-
Output
settings
switch
Used to register or delete the ID of the Slave
button to or from the output of the Master Unit.
Also used to reset the error output without
using the error clear terminal.
S
-
Mode
settings
switch
Set the operation mode of the Master Unit to
ID mode, TEST mode, and RUN mode.
T
-
Power LED
(PWR)
Lit green when the power is ON.
U
-
Error LED
(ERR)
Lit red when there is a possibility that
abnormality occurs in the master unit and it
will not output correctly according to the Slave
button operation.
V
-
Received
field
strength
LED (RCV)
• RUN mode or TEST mode
It lights according to the received electric
field strength of the received data.
Lit green: Received field strength is "Strong"
Lit red:
Received field strength is "Weak"
•ID mode
Lit green when registration or deletion is
success.
Flashing green when registration or
deletion is failure.
• When error output occurs
Lit green when the Master Unit setting data
error is detected.
Lit yellow when there is a possibility that the
Master Unit will not output properly according
to the Slave button operation.
W
-
Output
LED
(OUTPUT
1 to 8)
• RUN mode
When outputting to the output terminal, the
corresponding output LED lit yellow.
• TEST mode
It does not output to the output terminal,
and the corresponding output LED lit
yellow.
•ID mode
The output LED corresponding to the
output setting switch lit yellow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com