Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2W-RAN-WC1JP Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A2W-RAN-WC1JP
Description  Wireless Pushbutton Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A2W-RAN-WC1JP Datasheet(HTML) 2 Page - Omron Electronics LLC

  A2W-RAN-WC1JP Datasheet HTML 1Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 2Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 3Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 4Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 5Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 6Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 7Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 8Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
A2W
2
Model Number Structure
Model Number Structure
Slave button
Note: This product is a wireless device that conforms to the radio regulations of Japan.
It cannot be used outside of Japan.
Besides Japan, we also provide models that conform to the radio regulations of the USA, Canada, Mexico, Europe (EU), and Brazil.
For product details, please contact us separately.
Master Unit
Note: This product is a wireless device that conforms to the radio regulations of Japan.
It cannot be used outside of Japan.
Besides Japan, we also provide models that conform to the radio regulations of the USA, Canada, Mexico, Europe (EU), and Brazil.
For product details, please contact us separately.
A 2 W-
@@ -WC@ @@@@@
12
3
4
5
6
7
1.
Slave button
T
2.
Frequency (MHz)
A929.2
3.
Protocol
1
OMRON's protocol
4.
Area
JP
Japan
5.
Button type
1
Mushroom
2
Full guard
6.
Button color
RRed
G
Green
YYellow
ABlue
WWhite
BBlack
7.
Flange color
RRed
YYellow
BBlack
A 2 W-
@@@ -WC@ @@
12
3
4
5
1.
Master Unit
R
2.
Frequency (MHz)
A
929.2
4.
Protocol
1
OMRON's protocol
5.
Area
JP
Japan
3.
Output Configuration
N
Sinking Outputs
P
Sourcing Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com