Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2W-RAN-WC1JP Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # A2W-RAN-WC1JP
Description  Wireless Pushbutton Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A2W-RAN-WC1JP Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button A2W-RAN-WC1JP Datasheet HTML 3Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 4Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 5Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 6Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 7Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 8Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 9Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 10Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
A2W
7
Display Section
Note: For received field strength LED (RCV) green flashing, this also flashes even when attempting to select or reset a non-registered output
settings No. and delete or reset.
Settings Switch
Mode Settings Switch
Set the operation mode of the Master Unit.
Factory setting: ID
* There is no output from the output terminal.
Output Settings Switch
Register or delete the Slave button ID
* for each output number of the
Master Unit.
Factory setting: 1
* This is the identification number of the Slave button for wireless
communications.
Reset Switch
Execute resets of Master Unit.
Factory Setting: Not pressed (OFF)
Setting Procedures
Slave buttons Registration Setting
• Set the output for the Slave button ID.
• When the mode settings switch has been set to "ID", the Slave
button ID that has received the data during the same operation of
the Slave button three or more times within three seconds, and the
contents set in the output settings switch are linked.
• If you make "Wireless Push Buttons Registration setting" while
another system is operating in the vicinity, erroneous settings may be
made. Therefore, make the "Wireless Push Buttons Registration
setting" in an environment in which other systems are not operating.
• In the ID deletion procedure, if the received field strength LED
(RCV) flashes, then a non-registered port ID may be selected.
• At Slave button registration (ID registration/deletion procedures), confirm that
the output LCD is lighting correctly for the output setting No. to select.
Wireless push button registration/deletion procedure
* Using the wireless push button
1. Set the mode settings switch of the Master Unit to "ID".
2. Set the output settings switch of the Master Unit.
1 to 8: The output destination is set as outputs 1 to 8.
DEL: The information about the received ID is deleted from the
registration list.
3. Press the wireless push button three or more times to make sure
that the received field strength LED (RCV) is lit.
4. Set the mode settings switch of the Master Unit to "RUN" or "TEST".
Wireless push button deletion procedure
* Using the RESET switch
1. Set the mode settings switch of the Master Unit to "ID".
2. Set the output settings switch of the Master Unit.
1 to 8: The ID information registered in outputs 1 to 8 is deleted.
DEL: The information about all IDs is deleted from the registration list.
3. Press the Reset switch of the Master Unit until the received field
strength LED (RCV) is lit.
4. Set the mode settings switch of the Master Unit to "RUN" or "TEST".
Resetting Error Output (RCV indicator lit yellow.)
Using the RESET switch
1. Set the output settings switch of the Master Unit to "ERR_CLR".
2. Press the Reset switch.
Using the error clear terminal
1. Connect the error clear terminal to GND.
LED
name
Color
Enabled mode
Status
Meaning
PWR
Green
Always enabled
Lit
During Power Supply
Not lit
No power supplied
RCV
Green
or
yellow
RUN/TEST
Lit/Not lit
Received field strength monitor:
Lit green: Received field strength is “Strong” (lit up for 500 msec)
Lit yellow: Received field strength is “Weak” (lit up for 500 msec)
Not lit:
No received
ID
Lit/Not lit/
Flashing
ID registration:
Lit green:
ID registration successful (lit up for 3 s)
Not lit:
Data for ID registration not received
Flashing green: ID registration failed (flashes for 3 s after every 250 ms)
Delete ID:
Lit green:
ID deletion successful (lit up for 3 s)
Not lit:
Data for ID deletion not received
Flashing green: ID deletion failed (flashes for 3 s after every 250 ms)
Enabled only when
ERR LED is lit
Lit/Not lit
Lit green: Error in Master Unit setting data
Lit yellow: Error in the most important function (wireless received, registration/verification, or output)
All not lit:
Error in CPU initialization process during startup
OUTPUT
1 to 8
Yellow
RUN/TEST
Lit
Data is received from the ID assigned to the corresponding output
Not lit
Data is not received from the ID assigned to the corresponding output
ID
Lit
Reads corresponding output settings switch values 1 to 8
All Lit
Reads output settings switch value DEL
All not lit
Reads output settings switch value ERR_CLR
ERR
Red
Always enabled
Lit
Error in CPU initialization processing at startup, or in Master Unit setting data, or in the most important
function (wireless received, registration/verification, or output)
Not lit
No Master Unit error
Operation mode
Function
RUN
Communications mode: carry out normal communications
TEST
Test mode: Perform installation test such as reception
intensity measurement
*
ID
ID mode: Register or delete Slave buttons
No.
Enabled
mode
Other settings
requirements
Function
1 to 8
ID
Continuous data
reception within a fixed
period from the Slave
button to be registered
Register the ID of the target
Slave button to be registered
in the specified output
number
Press the Reset switch
(ON)
Delete IDs of all Slave
buttons registered in the
specified output number
DEL
Continuous data reception
within a fixed period from
the Slave button for which
the registration is to be
deleted
Delete the ID of the Slave
button to be deleted from the
registration list
Press the Reset switch
(ON)
Delete all IDs from the
registration list
ERR
CLR
ERR LED
lit red
+
RCV LED
lit yellow
Press the Reset switch
(ON)
Execute the software reset of
the Master Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com