Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2W-RAN-WC1JP Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A2W-RAN-WC1JP
Description  Wireless Pushbutton Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A2W-RAN-WC1JP Datasheet(HTML) 3 Page - Omron Electronics LLC

  A2W-RAN-WC1JP Datasheet HTML 1Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 2Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 3Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 4Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 5Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 6Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 7Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 8Page - Omron Electronics LLC A2W-RAN-WC1JP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
A2W
3
Ordering Information
Unit
Master Unit
Note: This product is a wireless device that conforms to the radio regulations of Japan.
It cannot be used outside of Japan.
Besides Japan, we also provide models that conform to the radio regulations of the USA, Canada, Mexico, Europe (EU), and Brazil.
For product details, please contact us separately.
Options (sold separately)
Type
Button type
Frequency (MHz)
Area
Button color
Flange color
Model
Slave button
Mushroom
929.2
Japan
Red
Black
A2W-TA-WC1 JP1RB
Japan
Green
Black
A2W-TA-WC1 JP1GB
Japan
Yellow
Black
A2W-TA-WC1 JP1YB
Japan
Blue
Black
A2W-TA-WC1 JP1AB
Japan
White
Black
A2W-TA-WC1 JP1WB
Japan
Black
Red
A2W-TA-WC1 JP1BR
Japan
Black
Yellow
A2W-TA-WC1 JP1BY
Japan
Black
Black
A2W-TA-WC1 JP1BB
Full guard
Japan
Red
Black
A2W-TA-WC1 JP2RB
Japan
Green
Black
A2W-TA-WC1 JP2GB
Japan
Yellow
Black
A2W-TA-WC1 JP2YB
Japan
Blue
Black
A2W-TA-WC1 JP2AB
Japan
White
Black
A2W-TA-WC1 JP2WB
Japan
Black
Red
A2W-TA-WC1 JP2BR
Japan
Black
Yellow
A2W-TA-WC1 JP2BY
Japan
Black
Black
A2W-TA-WC1 JP2BB
Type
Frequency (MHz)
Area
Output configuration
Model
Master Unit
929.2
Japan
Sinking Outputs
A2W-RAN-WC1 JP
Sourcing Outputs
A2W-RAP-WC1 JP
Type
Model
Remarks
High-sensitivity magnetic-base antenna
A2W-AT2.5-WC1
Frequencies: all frequencies supported, cable length 2.5 m
Degree of protection: IP65
Slave button holder
A2W-H-WC1
One A2W-H-WC1 is included at purchase of a slave unit.
Slave button strap
A2W-S-WC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com