Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO74557LP10 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74557LP10
Description  SIM Card Interface Level Shifter with EMI Filter and ESD Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74557LP10 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74557LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DIO74557
www.dioo.com
© 2024 Dioo Microcircuits Co.,Ltd. Jiangsu
DIO74557• Rev. 1.5
- 9 -
EN Shutdown Mode
To properly turn off the SIM card and save power, the SIM card signals should be shut down in accordance with
the specification specified in the ISO-7816-3 standard. The proper shutdown of these signals also helps prevent
any inappropriate writing and data corruption during the hot swap.
To properly initiate the shutdown sequence, it's crucial to ensure that the EN pin is pulled LOW before the VCCA
and VCCB supplies go LOW. When the EN pin is asserted LOW, the RST_SIM channel is powered down, which
then triggers the sequential power down of CLK_SIM and IO_SIM channels one by one. The SIM pins are pulled
LOW by their respective internal pull-down resistors. The entire shutdown sequence is completed within a few
microseconds.
Figure 7. Shutdown sequence
Input/output Capacitor Selections
Place a 100 nF capacitor with low Equivalent Series Resistance (ESR) in close proximity to the VCCA and VCCB
input terminals each. The preferred capacitor types are X5R or X7R multi-layer ceramic capacitors (MLCC) due
to their consistent value and ESR performance across temperature variations. The maximum ESR should be
under 500 mΩ (with a typical value being 50 mΩ).
Level Shifter Stage
The device eliminates the need for an additional input signal to control the direction of data flow between the host
and SIM. The control logic enables a change in driving direction only when both sides are in a HIGH state. The
first falling edge is recognized by the control logic, granting it control over the other signal side. In the event of a
rising edge signal, a one-shot circuit is employed to drive the non-driving output and accelerate the rising edge.
The internal logic of the device safeguards against communication errors or unforeseen incidents that may drive
both connected sides to be drivers simultaneously, thereby preventing a stuck-at situation. Once released from
being driven LOW, both I/Os will return to a HIGH level automatically.
The RST and CLK channels just contain single direction drivers without the holding mechanism of the I/O
channel, as these are just driven from the host to the SIM card side.
EMI Filter
EMI filters at the input/output driver stages reduce interference to sensitive mobile communications.
ESD Protection
The DIO74557 has strong ESD protections on all SIM card pins as well as on the VCCB pin. The feature prevents
any stress for the host: the voltage converter releases any stress to the supply floor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com