Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO74557LP10 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74557LP10
Description  SIM Card Interface Level Shifter with EMI Filter and ESD Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74557LP10 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74557LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DIO74557
www.dioo.com
© 2024 Dioo Microcircuits Co.,Ltd. Jiangsu
DIO74557• Rev. 1.5
- 6 -
RST_SIM
42
Ω
CLK_SIM
42
Ω
Cio[1]
Input/Output capacitance
IO_SIM
10
pF
RST_SIM
10
pF
CLK_SIM
10
pF
Note:
[1] Guaranteed by design.
[2] Specifications subject to change without notice.
Dynamic Characteristics
1.65 V ≤ VCCB ≤ 3.6 V; 1.08 V ≤ VCCA ≤ 1.95 V; fclk = fio = 1 MHz; TA = -40 °C to +85 °C; typical values are at 25°C, unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCCA = 1.8 V; VCCB = 3.0 V; SIM card CL ≤ 30 pF; host CL ≤ 10 pF
tPD
Propagation delay
(See Figure 2)
I/O channel; SIM card side to host side
12
ns
All channels; host side to SIM card side
10
ns
tt
Transition time
(See Figure 2)
I/O channel; SIM card side to host side
7
ns
All channels; host side to SIM card side
4
ns
tsk(o)
Output skew time
Between channels IO_SIM and CLK_SIM
2
ns
fclk
Clock frequency
CLK_SIM
10
MHz
VCCA = 1.2 V; VCCB = 1.8 V; SIM card CL ≤ 30 pF; host CL ≤ 10 pF
tPD
Propagation delay
(See Figure 2)
I/O channel; SIM card side to host side
16
ns
All channels; host side to SIM card side
15
ns
tt
Transition time
(See Figure 2)
I/O channel; SIM card side to host side
7
ns
All channels; host side to SIM card side
4
ns
tsk(o)
Output skew time
Between channels IO_SIM and CLK_SIM
2
ns
fCLK
Clock frequency
CLK_SIM
10
MHz
Note: Specifications subject to change without notice.
Figure 2. Data input to data output propagation delay times
Note: VOL and VOH are typical output voltage levels that occur with the output load. tPHL and tPLH are tPD propagation delay; tTHL and tTLH
are the transition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com