Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO74557LP10 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74557LP10
Description  SIM Card Interface Level Shifter with EMI Filter and ESD Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74557LP10 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO74557LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DIO74557
www.dioo.com
© 2024 Dioo Microcircuits Co.,Ltd. Jiangsu
DIO74557• Rev. 1.5
- 4 -
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Symbol
Parameter
Conditions
Min
Max
Unit
VCCA
Host supply voltage
GND - 0.5
2.2
V
VCCB
SIM supply voltage
GND - 0.5
4.0
V
VI(CLK_HOST),
VI(RST_HOST), VI(IO_HOST)
Input voltage on CLK_HOST,
RST_HOST, IO_HOST pins
Input signal voltage, HOST side
GND - 0.5
2.2
V
VI(CLK_SIM), VI(RST_SIM),
VI(IO_SIM)
Input voltage on CLK_SIM,
RST_SIM, IO_SIM pins
Input signal voltage, SIM side
GND - 0.5
4.0
V
TSTG
Storage temperature
-55
125
°C
TA
Ambient temperature
-40
85
°C
ESD
Electrostatic discharge voltage
Contact discharge at SIM card
side pins, VCCB, and GND pins
-8
8
kV
Air discharge[1] at SIM card side
pins, VCCB, and GND pins
-15
15
kV
Human body model at all pins
-4
4
kV
Charge device model at all pins
-2
2
kV
Latch up
Input/Output latch-up current
-100
100
mA
Note:
[
1] According to the IEC 61000-4-2 standards, a Level 4 contact discharge of 8 kV is considered equivalent to a 15 kV air
discharge. Air discharge is provided for information only and was not tested.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications.
Symbol
Parameter
Conditions
Min
Max
Unit
VCCA
Host supply voltage
1.08
1.95
V
VCCB
SIM supply voltage
1.65
3.6
V
VIH
High-level input voltage
IO_HOST, RST_HOST,
CLK_ HOST
0.7 × VCCA
V
IO_SIM
0.7 × VCCB
V
VIL
Low-level input voltage
IO_HOST, RST_HOST,
CLK_ HOST
0.3 × VCCA
V
IO_SIM
0.3 × VCCB
V
Δt/ΔV
Input transition rise or fall rate
200
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com