Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO74557LP10 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74557LP10
Description  SIM Card Interface Level Shifter with EMI Filter and ESD Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74557LP10 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO74557LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DIO74557
www.dioo.com
© 2024 Dioo Microcircuits Co.,Ltd. Jiangsu
DIO74557• Rev. 1.5
- 3 -
Functional Description
Supply Voltage
Input
Input/Output
Operational
Mode
VCCA
VCCB
EN [1] [2]
Host
SIM Card
1.08 V to 1.95 V
1.65 V to 3.6 V
H
HOST = SIM Card
SIM Card = HOST
Active
1.08 V to 1.95 V
1.65 V to 3.6 V
L
See the below table, Condition B
Shutdown
GND
1.65 V to 3.6 V
X
See the below table, Condition B
Shutdown
1.08 V to 1.95 V
GND
X
See the below table, Condition A
Shutdown
GND
GND
X
See the below table, Condition A
Shutdown
Note:
[1] H = HIGH voltage level; L = LOW voltage level; X = inconsequential.
[2] VIL and VIH are referenced to VCCA. The EN can be controlled by an external device limit of VCCA + 0.3 V.
Pin Condition
Condition A
Condition B
RST_HOST
100 kΩ pull low
100 kΩ pull low
CLK_HOST
100 kΩ pull low
100 kΩ pull low
IO_HOST
5 kΩ pull to VCCA
5 kΩ pull to VCCA
RST_SIM
100 kΩ pull low
400 Ω pull low
CLK_SIM
100 kΩ pull low
400 Ω pull low
IO_SIM
High Z
400 Ω pull low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com