Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BDFM Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFM Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button AS3953A-BDFM Datasheet HTML 22Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 23Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 24Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 25Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 26Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 27Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 28Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 29Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
ams Datasheet
Page 25
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
Figure below defines the coding of the AS3953A reply
information field to Read EEPROM command, if command is
normally processed.
Figure 30:
Read EEPROM Reply (successful)
Figure below defines the coding of the AS3953A reply
information field to Read EEPROM command, in case of an
error.
Figure 31:
Read EEPROM Reply (error code)
Write EEPROM
The Write EEPROM command is used to write one EEPROM
word (32 bits). The request information field contains 6 bytes
• Command code byte (04h)
• Address of the word to be written
• Four bytes (32 bits) of data to be written
Figure below defines coding of Write EEPROM command
information field.
Figure 32:
Write EEPROM Command
The AS3953A reply contains one byte informing whether the
writing of EEPROM was executed or whether there was an error.
Prior to actual programming of data in EEPROM, the control
logic checks whether there is enough power available. This is
done by performing so called power check during which a
dummy EEPROM programming is started. If the power check
fails, EEPROM programming is not performed and an error code
is sent. The EEPROM programming is a time consuming
operation. Therefore, if the EEPROM programming is executed,
the AS3953A reply comes after 8ms typical.
90h
Data
1byte
4 to 32 bytes
Information Field
Comment
61h
Error (no diagnostic)
04h
Address of Word to be
Written
Data
1 byte
1 byte
4 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com