Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BDFM Datasheet(PDF) 70 Page - ams-OSRAM AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFM Datasheet(HTML) 70 Page - ams-OSRAM AG

Back Button AS3953A-BDFM Datasheet HTML 63Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 64Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 65Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 66Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 67Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 68Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 69Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 70Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 71Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 70 / 71 page
background image
ams Datasheet
Page 69
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Content Guide
1
General Description
2
Key Benefits & Features
3
Applications
3
Block Diagram
4
Pin Assignment
6Absolute Maximum Ratings
8
Electrical Characteristics
8
Operating Conditions
8
DC/AC Characteristics for Digital Inputs and Outputs
10
Electrical Specification
11
Detailed Description
11
Circuit
12
PICC AFE
14
Power Manager
15
ISO 14443A Framing Mode
15
ISO 14443A Level-4 Protocol Mode
17
Coding of UID
17
First Byte of UID (uid0)
17
Second Byte of UID (uid1)
17
Third Byte of UID (uid2)
18
Coding of ATQA, SAK and ATS
18
ATQA
18
SAK
20
ATS
22
Proprietary Commands
26
Passing of Block Data to Controller
27
Use of CID
28
ISO 14443A Level-3 Protocol Mode
28
Transparent Mode
29
EEPROM
29
UID Word
29
Fabrication Data Word
30
Configuration Word
32
OTP Words
32
Write Lock Word
32
Read Lock Word
33
SPI Interface
35
Writing of Data to Addressable Registers (Register Write
Mode)
36
Reading of Data from Addressable Registers (Register
Read Mode)
37
Writing and Reading of EEPROM Through SPI
37
Word Address Byte
39
Loading Transmitting Data into FIFO
40
Reading Received Data from FIFO
40
Direct Command Mode
41
SPI Timing
43
Interrupt Interface
43
FIFO Water Level and FIFO Status Register
45
ISO 14443A Frame Data in FIFO
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com