Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BDFM Datasheet(PDF) 28 Page - ams-OSRAM AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFM Datasheet(HTML) 28 Page - ams-OSRAM AG

Back Button AS3953A-BDFM Datasheet HTML 24Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 25Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 26Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 27Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 28Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 29Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 30Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 31Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 32Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
ams Datasheet
Page 27
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
Figure 34:
First Byte of the ISO 14443-4 PCD Block
Note(s):
1. RATS and PPS are only processed by the AS3953A logic in case they are sent according to the ISO 14443-4 specification (RATS is first
command sent after entry in ACTIVE(*) state, optionally followed by PPS). In case RATS or PPS are sent once the AS3953A logic is in
PROTOCOL state the information received is saved into FIFO and not acted upon.
2. Compatible with old and new S(PARAMETERS) definition: Old: 1100 x000 is S(PARAMETERS) block according to the ISO 14443-4/AM2.
New: 1111 x000 is S(PARAMETERS) block according to the modification SC17/WG8.
As shown in Figure 34, the block data is put in the FIFO
whenever the two MSB bits are 00 or 10 and also in the case
when the four MSB bits are 1111. Therefore the implemented
communication between the PCD and a tag implemented by
the AS3953A and a controller does not need to follow the Block
transmission protocol defined in the ISO 14443-4.
Use of CID
As mentioned above the AS3953A decides depending on
content of the first byte of received message to either execute
received message as a command or to put it in the FIFO. The
second byte of the message comprises a CID number which is
attributed by PCD. PCD will use CID number in case more PICCs
are brought to Level-4 of communication at the same time.
CID is only checked for messages (commands) that are executed
by the AS3953A. In case CID does not match such a command
is rejected (no action is taken).
Messages that are based on first byte are put in FIFO and are
not filtered by CID. It is left to controller to check for the CID
and decide whether or not to reply (CID number is stored in the
<RegisterName>RATS Register).
First Byte
Comment
Action of PICC Logic
1110 0000
RATS
Replies with ATS (1)
1110 not(0000)
Block is put in FIFO
1101 xxxx
PPS
Replies with PPS response (second character is CID)(1)
1100 x 010
DESELECT
Replies and go to Halt
1100 x not(010)
(see footnote 2)
Block is put in FIFO
1111 xxxx
WTX, S(PARAMETERS),
RFU (2)
Block is put in FIFO since controller needs it to
implement chaining
01xx xxxx
Proprietary command
Proprietary command is processed
00xx xxxx
I-block
Block is put in FIFO
10xx xxxx
R-block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com