Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BDFM Datasheet(PDF) 57 Page - ams-OSRAM AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFM Datasheet(HTML) 57 Page - ams-OSRAM AG

Back Button AS3953A-BDFM Datasheet HTML 53Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 54Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 55Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 56Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 57Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 58Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 59Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 60Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 61Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
Page 56
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
Figure 63:
Auxiliary Interrupt Register
Notes:
1. At power-up and after Set Default command content of this register is set to 0.
2. After Auxiliary Interrupt Register has been read its content is set to 0.
Figure 64:
FIFO Status Register 1
Note(s):
1. At power-up and after direct commands Set Default and Clear content of this register is set to 0.
Address# 0Bh : Auxiliary Interrupt
Type: R
Bit
Name
Function
Comments
7I_des
IRQ due to reception of DESELECT
command
6I_er_fr
Framing error
5
I_er_par
Parity error
In case of parity or/and CRC error
the receive data is still put in FIFO,
error IRQ is additionally send.
4
I_er_crc
CRC error
3
I_er_fifo
FIFO error (overflow/underflow)
See FIFO Status Register 2
2I_eew
IRQ due to successful termination of
EEPROM programming
In case EEPROM Write command
was sent through SPI
1
I_er_eew
Error during EEPROM programming
(writing to write protected word,
writing to nonexistent address)
In case EEPROM Write command
was sent through SPI
0
I_ee_spi
IRQ due to interruption of EEPROM
access due to PICC interface activation
Address# 0Ch: FIFO Status 1
Type: R
Bit
Name
Function
Comments
7RFU
6RFU
5fifo_b5
Number of data bytes (binary coded) in
the FIFO which were not read out
Valid range is from 000000 to
100000
000000 means that there are no
data bytes to be read out
4fifo_b4
3fifo_b3
2fifo_b2
1fifo_b1
0fifo_b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com