Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7050 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS7050
Description  Analog Frontend for Vital Sign Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7050 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS7050 Datasheet HTML 4Page - ams-OSRAM AG AS7050 Datasheet HTML 5Page - ams-OSRAM AG AS7050 Datasheet HTML 6Page - ams-OSRAM AG AS7050 Datasheet HTML 7Page - ams-OSRAM AG AS7050 Datasheet HTML 8Page - ams-OSRAM AG AS7050 Datasheet HTML 9Page - ams-OSRAM AG AS7050 Datasheet HTML 10Page - ams-OSRAM AG AS7050 Datasheet HTML 11Page - ams-OSRAM AG AS7050 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Document Feedback
AS7050
Absolute Maximum Ratings
Short Datasheet
• PUBLIC
DS001051
• v1-00 • 2022-Mar-31
19
│ 7
3
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 3:
Electrical Characteristics of AS7050
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD
Digital Supply Voltage
1.98
V
VDDA
Analog Supply Voltage
1.98
V
VDDIO
IO Supply Voltage
6
V
VIN
Input Pin Voltage to Ground pins
GPIO1/2
-0.3
VDDIO+0.3 V
max. 6 V
V
Internal diode to VDDIO
VIN-OTHER
Input Pin Voltage to Ground pins
SCL/SDA_MOSI/MISO/CSXN/IN
T/EXTCLK
-0.3
VDDIO+0.3 V
max. 6 V
V
internal diode to VDDIO
VLDO_EN
Input Pin Voltage to Ground pins
LDO_EN
-0.3
VLDO+0.3 V
max. 6 V
V
internal diode to VLDO
VVD1/2/3/4/5/6
Voltage at Pins
VD1,VD2,VD3,VD4,VD5,VD6
6
V
VVD7/8_
INTERNAL
Voltage Between Internal Pin of
VD7-VD8 to GND
VDDIO+0.3 V
V
Internal diode between
current source (internal node
at anode of the LED if the
pin has an LED otherwise
VD7/8 pin) and VDDIO
VIN-LDO1
Input Pin Voltage to Ground for
pin V_LDO
-0.3
6
V
EN_LDO > 1.3 V
VIN-LDO2
Input Pin Voltage to Ground for
pin V_LDO
-0.3
VDD+0.3 V
max. 2 V
V
EN_LDO = 0 V
Diode to VDD and VDDA
VIN-VDDA_DIODE
Input Pin Voltage to Ground pins
for
ECG_INP/ECG_INN/ECG_REF/
ECG_VCM/PPG_VCM/REF_AD
C/PD1/PD2/PD3/PD4/PD5/PD6/
PDREF
-0.3
VDDA+0.3 V
max. 2 V
V
Diode to VDDA
VGNDA-PGND
Analog to Power Ground
Voltage Difference
±0.3
V
VGNDA-GND
Analog to Digital Ground Voltage
Difference
±0.3
V
ISCR
Input Current (latch-up
immunity)
±100
mA
JEDEC JESD78
Connect specified capacitor
on SIGREF and V_LDO
during latch-up test.
ILEDON
Average LED ON Current
35
mA
DC current with all LEDs ON
during all 8 time slots(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com