Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7050 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS7050
Description  Analog Frontend for Vital Sign Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7050 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS7050 Datasheet HTML 7Page - ams-OSRAM AG AS7050 Datasheet HTML 8Page - ams-OSRAM AG AS7050 Datasheet HTML 9Page - ams-OSRAM AG AS7050 Datasheet HTML 10Page - ams-OSRAM AG AS7050 Datasheet HTML 11Page - ams-OSRAM AG AS7050 Datasheet HTML 12Page - ams-OSRAM AG AS7050 Datasheet HTML 13Page - ams-OSRAM AG AS7050 Datasheet HTML 14Page - ams-OSRAM AG AS7050 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Document Feedback
AS7050
Electrical Characteristics
Short Datasheet
• PUBLIC
DS001051
• v1-00 • 2022-Mar-31
19
│ 10
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
current
TIA active
tia_en = 1
1.39
mA
Supply
current
AFE active
afe_dac_en = 1,
afe_dac_buf_en=1,
afe_gain_stage_en=1,
afe_ref_buf_en=1
114.7
µA
IVDD
Supply
current in
power down
mode
LDO_EN=0V, VLDO
= VDDA
1.1
µA
Supply
current in idle
mode
lf_osc_on=1
2.92
µA
Supply
current PPG
ADC active
en_bg=1,
en_vcm_ppg=1,
en_bias=1,
sel_opamp=0,
ppg_en=1,
ppg_mod_en=1,
pll_on=1,
hf_osc_on=1
0.80
mA
Supply
current ECG
ADC active
en_bg=1,
en_vcm_ecg=1,
en_ref=1, en_bias=1,
sel_opamp=0,
ecg_en=1,
ecg_mod_en=1,
ecg_ibuf_en=1,
pll_on=1,
hf_osc_on=1
0.80
mA
IVDDIO
Supply
current in
power down
mode
LDO_EN=0V, VLDO
= VDDA
0.14
µA
fEXTCLK
External
clock
frequency
2
4
MHz
fSampling,ECG
Sampling
frequency
8
kHz
fSampling,PPG
Sampling
frequency
1
kHz
Photodiode
IOS
DAC offset
current full
scale range
ppg_ios_fs=0
1
µA
ppg_ios_fs=1
2
ppg_ios_fs=2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com