Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7050 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS7050
Description  Analog Frontend for Vital Sign Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7050 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS7050 Datasheet HTML 9Page - ams-OSRAM AG AS7050 Datasheet HTML 10Page - ams-OSRAM AG AS7050 Datasheet HTML 11Page - ams-OSRAM AG AS7050 Datasheet HTML 12Page - ams-OSRAM AG AS7050 Datasheet HTML 13Page - ams-OSRAM AG AS7050 Datasheet HTML 14Page - ams-OSRAM AG AS7050 Datasheet HTML 15Page - ams-OSRAM AG AS7050 Datasheet HTML 16Page - ams-OSRAM AG AS7050 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Document Feedback
AS7050
Electrical Characteristics
Short Datasheet
• PUBLIC
DS001051
• v1-00 • 2022-Mar-31
19
│ 12
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ECG_RES
ECG
Resolution
19
bits
ECG_ENOB
ENOB
17
bits
VECGADC_REFP
Positive
reference
voltage
1.6
V
LED Driver
VLED
LED pad
voltage
5
V
LED Driver 1-6
ILED
Allowed
operating
LED output
current
led_ictrl = 127
150.00
mA
led_ictrl = 255
300.00
mA
VCompl_1
Compliance
voltage
led_ictrl = 0 … 127
0.3
V
led_ictrl = 128 … 255
0.85
V
LED Driver 7-8
ILED
Allowed
operating
LED output
current
led_ictrl = 128
50.00
mA
VCompl_1
Compliance
voltage
led_ictrl = 0 … 127
0.3
V
Reference Block
VECG_VCM
Reference
voltage
SEL_REF=0, at
T=27 °C
0.8
V
VREF_ADC
Reference
voltage
Trimmed reference
voltage, SEL_REF=0,
at T=27 °C
1.6
V
VPPG_VCM
Reference
voltage
SEL_REF=0, at
T=27 °C
0.8
V
TSEN_OUT
Temperature
sensor output
voltage
At room temperature
636
mV
TSEN_TK
Temperature
sensor
temperature
coefficient of
the output
voltage
-40 °C to 105 °C
-2.03
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com