Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7050 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS7050
Description  Analog Frontend for Vital Sign Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7050 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS7050 Datasheet HTML 5Page - ams-OSRAM AG AS7050 Datasheet HTML 6Page - ams-OSRAM AG AS7050 Datasheet HTML 7Page - ams-OSRAM AG AS7050 Datasheet HTML 8Page - ams-OSRAM AG AS7050 Datasheet HTML 9Page - ams-OSRAM AG AS7050 Datasheet HTML 10Page - ams-OSRAM AG AS7050 Datasheet HTML 11Page - ams-OSRAM AG AS7050 Datasheet HTML 12Page - ams-OSRAM AG AS7050 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Document Feedback
AS7050
Absolute Maximum Ratings
Short Datasheet
• PUBLIC
DS001051
• v1-00 • 2022-Mar-31
19
│ 8
Symbol
Parameter
Min
Max
Unit
Comments
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
±2.0
kV
JS-001-2017
Temperature Ranges and Storage Conditions
TSTRG
Storage Temperature Range
-40
125
°C
TAMB
Operating Free-air Temperature
-30
85
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020(1)
RHNC
Relative Humidity (non-
condensing)
5
85
%
MSL
Moisture Sensitivity Level
1
Maximum floor life time
unlimited @ 30°C/85%
RHmax
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices.”
(2)
The minimal time slot time is 125 µs. It defines the time when you can start next sub-sample conversion. 8 sub-samples
forming one sample. Within one sample you can chose any combination of LED and PD (e.g. sub-sample 1: LED1 and
PD 3, subsample
2: LED3 and PD2 ….). Also if one subsample is completed in 32 µs you cannot start the next
subsample immediately, you need to wait the beginning of new time slot (which is 125 µs after beginning of sub-sample
start).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com