Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54300CDR Datasheet(PDF) 21 Page - Texas Instruments

Part # REF54300CDR
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54300CDR Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF54300CDR Datasheet HTML 17Page - Texas Instruments REF54300CDR Datasheet HTML 18Page - Texas Instruments REF54300CDR Datasheet HTML 19Page - Texas Instruments REF54300CDR Datasheet HTML 20Page - Texas Instruments REF54300CDR Datasheet HTML 21Page - Texas Instruments REF54300CDR Datasheet HTML 22Page - Texas Instruments REF54300CDR Datasheet HTML 23Page - Texas Instruments REF54300CDR Datasheet HTML 24Page - Texas Instruments REF54300CDR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
High-pass Filter
FC = 0.07Hz
REF54
GND
VREF
VIN
EN
VIN
CL
CIN
VREF
Low Noise
Preamplifier
G = 1000
2
nd Order
Low-pass Filter
FC = 10Hz
G = 1
2
nd Order
Low-pass Filter
FC = 10Hz
G = 10
2
nd Order
High-pass Filter
FC = 0.1Hz
G = 10
Scope
NR
CNR
Figure 7-6. 1/f Noise Test Setup
Figure 7-7 shows typical distribution of flicker noise for multiple devices where more than 1000 samples have
been captured for each device.
Flicker Noise (ppmp-p)
0
20
40
60
80
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Figure 7-7. 0.1Hz to 10Hz Voltage Noise Distribution (CNR = Open)
Noise sensitive designs prefer the lowest 1/f noise for the highest precision measurements. REF54 offers NR
pin which creates a low pass filters on the band gap with typical resistance of 14kΩ. 100μF capacitor on NR pin
removes the whole band of flicker noise (0.1Hz) from the band gap reference as shown in Figure 7-8. A 10μF
capacitor on the NR pin creates a 1Hz low-pass filter for the bandgap.
www.ti.com
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com