Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54300CDR Datasheet(PDF) 27 Page - Texas Instruments

Part # REF54300CDR
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54300CDR Datasheet(HTML) 27 Page - Texas Instruments

Back Button REF54300CDR Datasheet HTML 23Page - Texas Instruments REF54300CDR Datasheet HTML 24Page - Texas Instruments REF54300CDR Datasheet HTML 25Page - Texas Instruments REF54300CDR Datasheet HTML 26Page - Texas Instruments REF54300CDR Datasheet HTML 27Page - Texas Instruments REF54300CDR Datasheet HTML 28Page - Texas Instruments REF54300CDR Datasheet HTML 29Page - Texas Instruments REF54300CDR Datasheet HTML 30Page - Texas Instruments REF54300CDR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The REF54 is designed for the applications where high precision is required at lower power. Low temperature
drift and noise makes the REF54 excellent attach for high precision data converters to achieve best gain drift
and resolution.
Table 9-1. List of companion Data Converters with REF54
APPLICATION
DATA CONVERTER
Precision Data Acquisition
ADS8900B, ADS1278, ADS1262, DAC80501, DAC8562
Passive Seismic Monitoring
ADS1285
Industrial Instrumentation
ADS127L11, ADS8699, ADS1256, ADS1251, DAC9881, DAC8811,
DAC1220, DAC80508
Test & Measurement
ADS1262, ADS8598H, ADS131M08, ADS8686S, ADS8881,
DAC11001B, DAC91001A, DAC7744
Power Monitoring, PLC Analog I/O
ADS131E04, ADS131A02
Field Transmitters
ADS1247, ADS1220
9.2 Typical Applications
9.2.1 Basic Voltage Reference Connection
Figure 9-1 shows the basic configuration for the REF54 references. Connect bypass capacitor CIN and output
capacitor COUT as per the guidelines in Section 9.2.1.2.
VIN
EN
1μF
10μF
GND
GND
GND
GND
GND
NR
VREF
Optional
Input
Output
REF54
Basic Connection Diagram
Figure 9-1. Basic Reference Connection
www.ti.com
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com