Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54300CDR Datasheet(PDF) 28 Page - Texas Instruments

Part # REF54300CDR
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54300CDR Datasheet(HTML) 28 Page - Texas Instruments

Back Button REF54300CDR Datasheet HTML 24Page - Texas Instruments REF54300CDR Datasheet HTML 25Page - Texas Instruments REF54300CDR Datasheet HTML 26Page - Texas Instruments REF54300CDR Datasheet HTML 27Page - Texas Instruments REF54300CDR Datasheet HTML 28Page - Texas Instruments REF54300CDR Datasheet HTML 29Page - Texas Instruments REF54300CDR Datasheet HTML 30Page - Texas Instruments REF54300CDR Datasheet HTML 31Page - Texas Instruments REF54300CDR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
9.2.1.1 Design Requirements
A detailed design procedure is based on a design example. For this design example, use the parameters listed
in Table 9-2 as the input parameters.
Table 9-2. Design Example Parameters
DESIGN PARAMETER
VALUE
Input voltage VIN
3V
Input capacitor
0.1µF
Output capacitor
10µF
9.2.1.2 Detailed Design Procedure
A bulk capacitor (0.1μF to 10μF) must be connected to the supply to improve transient response in the
applications where the supply voltage can fluctuate. Connect an additional 0.1μF capacitor at VIN pin closer
to the device to bypass high frequency supply noise.
A low ESR (maximum 1Ω) capacitor of 1μF to 100μF must be connected to the output to provide stable output.
For very low noise applications, special care must be taken with X7R and other MLCC capacitors due to
piezoelectric effect. Piezoelectric property of multilayer ceramic capacitors (MLCC) can introduce a μV range
noise due to mechanical vibrations, potentially dominating the noise of the REF54. More information on how
the piezoelectric effect can be explored in systems can be found in Stress-induced outbursts: Microphonics in
ceramic capacitors (Part 1) and Stress-induced outbursts: Microphonics in ceramic capacitors (Part 2) . Designer
must use film capacitors for noise sensitive applications. TI recommends placing the REF54 reference as close
to the load as possible to minimize IR drop due to trace resistance.
The transient startup response of the REF54 is shown in Figure 9-2. The startup response of the REF54 family
is dependent on the output and NR pin capacitor. Increasing the output capacitor improves the load transient
performance of the device, however this also increases the startup time. Figure 9-3 shows the startup time with
CNR = 10μF, increases to 3seconds.
9.2.1.3 Application Curves
1 ms/div
VIN
VREF
Figure 9-2. REF54250CDR Startup Response
(COut= 10uF, CNR= Open)
1 s/div
VIN
VREF
Figure 9-3. REF54250CDR Startup Response
(COut= 10uF, CNR= 10uF )
9.2.2 Reference Attach With High Precision ADC
High precision ADCs require external precision voltage references to achieve the best SNR and gain drift with
temperature and time. REF54 has flat dynamic impedance at lower frequency. However the dynamic impedance
increases for higher sampling rate. A low noise, low offset buffer with good bandwidth helps to improve THD
and droop performance to achieve > 18bit ENOB at higher sampling rate. Figure 9-4 shows evaluation circuit
for ADS1285. Figure 9-5 and Figure 9-6 show the peak to peak code variation for constant DC input of 0V and
2.0796V respectively. The performance meets data sheet specifications of ADS1285 with REF54.
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com