Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54300CDR Datasheet(PDF) 12 Page - Texas Instruments

Part # REF54300CDR
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54300CDR Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF54300CDR Datasheet HTML 8Page - Texas Instruments REF54300CDR Datasheet HTML 9Page - Texas Instruments REF54300CDR Datasheet HTML 10Page - Texas Instruments REF54300CDR Datasheet HTML 11Page - Texas Instruments REF54300CDR Datasheet HTML 12Page - Texas Instruments REF54300CDR Datasheet HTML 13Page - Texas Instruments REF54300CDR Datasheet HTML 14Page - Texas Instruments REF54300CDR Datasheet HTML 15Page - Texas Instruments REF54300CDR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
6.8 Electrical Characteristics REF54450
Typical specifications at TA = 25°C, min-max specifications verified across temperature range, IL = 0mA, CIN = 0.1µF, CREF =
10µF, CNR = Open, VIN = VREF + VDO, unless otherwise noted (1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
Output voltage accuracy TA = 25°C
–0.02
0.02
%
Output voltage
temperature coefficient
Q grade; –40°C ≤ TA ≤ 125°C
1.5
ppm/°C
LINE AND LOAD REGULATION
ΔVR / ΔVIN Line regulation
VREF + VDO ≤ VIN ≤ 10V
4
30
ppm/V
VREF + VDO ≤ VIN ≤ 18V, –40°C ≤ TA ≤ 125°C
1
10
ΔVR / ΔIL
Load regulation
IL = 0mA to 10mA, VIN = VREF + VDO, –40°C ≤
TA ≤ 125°C
5
30
ppm/mA
IL = 0mA to –10mA, VIN = VREF + VDO, –40°C ≤
TA ≤ 125°C
5
40
NOISE
enp-p
Low frequency noise
ƒ = 0.1Hz to 10Hz
0.45
ppmp-p
enp-p
Low frequency noise
ƒ = 0.1Hz to 10Hz, CNR = 10µF
0.24
ƒ = 0.1Hz to 10Hz, CNR = 100µF
0.11
en
Output voltage noise
ƒ = 10Hz to 1kHz
0.7
ppmrms
en
ƒ = 10Hz to 1kHz, CNR = 1µF
0.16
ppmrms
HYSTERESIS AND LONG-TERM STABILITY
ΔVREF_LTD Long-term stability
250h TA = 35°C
14
ppm
1000h TA = 35°C
25
ΔVREF_HYS
Output voltage
hysteresis
25°C, 0°C, 70°C, 25°C (cycle 1)
15
ppm
25°C, 0°C, 70°C, 25°C (cycle 2)
0.8
TURN ON TIME
tON
Turn-on time
0.1% settling, CREF = 1µF
0.63
ms
CAPACITIVE LOAD
CIN
Stable input capacitor
range
–40°C ≤ TA ≤ 125°C
0.1
µF
CREF
Stable output capacitor
range (2)
–40°C ≤ TA ≤ 125°C
1
100
µF
POWER SUPPLY
VIN
Input voltage
VREF + VDO
18
V
IQ
Quiescent current
TA = 25°C
Active mode
260
310
µA
–40°C ≤ TA ≤ 125°C
420
µA
TA = 25°C
Shutdown mode
0.25
0.7
uA
–40°C ≤ TA ≤ 125°C
1
uA
VEN
Enable pin voltage
Active mode (EN = 1)
1.6
V
Shutdown mode (EN = 0)
0.5
V
IEN
Enable pin current
VIN = VEN = 18V
0.25
0.7
uA
VIN = VEN = 18V, –40°C ≤ TA ≤ 125°C
1.2
uA
VDO
Dropout voltage
IL = 5mA, –40°C ≤ TA ≤ 125°C
250
mV
IL = 10mA, –40°C ≤ TA ≤ 125°C
400
mV
ISC
Short circuit current
VREF = 0V
21
mA
(1)
REF54450 device is in preview state. All specifications are preliminary and subject to change before production release.
(2)
ESR for the capacitor can range from 10mΩ to 1Ω.
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com