Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDDEVALP Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  LDDEVALP Datasheet HTML 1Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 2Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 3Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 4Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 5Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 6Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 7Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 8Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
© 2025
www.teamWavelength.com
2
LDD P SERIES LASER DIODE DRIVER
QUICK CONNECT GUIDE
!
To ensure safe operation of the LDD P
driver, it is imperative that you determine
that the unit will be operating within the
internal heat dissipation Safe Operating Area
(SOA).
QUICK CONNECT DIAGRAM FOR LDD 1P MODELS
CURRENT
FEEDBACK
CURRENT
MONITOR
MODULATION
INPUT
GND
1
2
3
4
V+
5
6
7
8
FEEDBACK
IN
LD
ANODE
OUTPUT ADJUST
LIMIT ADJUST
LD
CATHODE
V+
- +
Voltmeter
2.500 V
Signal
Generator
Laser
Diode
*
* Trimpots shown for proper orientation
LDD 1P
LASER DIODE DRIVER
Type A Laser Diode
Type B Laser Diode
Type C Laser Diode
Common
Cathode
Laser Diode Anode &
Photodiode Cathode Common
Isolated Photodiode
Short
Laser Diode Anode
to Photodiode Cathode
Common
Anode
Laser Diode Cathode &
Photodiode Anode Common
Figure 1. External connections for LDD 1P. Supports Type A and Type B laser diodes.
Visit the Wavelength Electronics website for the most
accurate, up-to-date, and easy to use SOA calculator:
www.teamwavelength.com/support/design-tools/soa-ld-calculator/
RECOMMENDED TEST LOAD
– 1P MODELS
Wavelength recommends using a test load in place of a
diode laser until the user is familiar with the operation and
control of the LDD P Series Laser Diode Driver.
For 1P models, the recommended test load is shown in
Figure 2. This load is used to simulate Type A and Type B
lasers.
LD Anode
(Pin 6)
LD Cathode
(Pin 5)
Silicon Diode
(1N4001)
x2
1Ω, 0.25 W
Resistor
Figure 2. Recommended test load for the LDD 1P Laser
Diode Driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com