Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDDEVALP Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  LDDEVALP Datasheet HTML 1Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 2Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 3Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 4Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 5Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 6Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 7Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 8Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ORDERING INFORMATION
PART NO
DESCRIPTION
LDD200: 200 mA Laser Diode Drivers
LDD200 1P
Type A & B lasers
LDD200 2P
Type C lasers
LDD400: 400 mA Laser Diode Drivers
LDD400 1P
Type A & B lasers
LDD400 2P
Type C lasers
Accessories
LDDEVALP
Evaluation Board
WCB201
3 pin laser diode connection cable
(for 9 mm laser diodes)
VERSATILITY
The LDD P Series of laser diode drivers come in two
compact models to work with all laser diode/photodiode
configurations. Each model is available in 200 mA and
400 mA versions to best fit your laser diode requirements.
PRECISION & HIGH PERFORMANCE
When it is essential to have high performance in your
application, these low noise drivers offer excellent current
stability in Constant Current mode.
Precisely control the laser diode setpoint current with the on-
board Output Current Adjust trimpot or via a remote voltage
to the modulation input. The modulation input’s small signal
3 dB bandwidth is DC to 2 MHz.
EASY INTEGRATION
Measure laser diode current from a buffered monitor
output. Optional evaluation boards are available
to assist with operating any LDD P series module.
LASER SAFETY FEATURES
In order to protect laser diodes, all LDD P series drivers
are equipped with current limit protection, as well as slow
start circuitry. Current limit protection ensures that the
diode will not be overdriven, and the slow start circuitry
protects the diode from thermal shock that can damage
the laser at turn on.
FEATURES AND BENEFITS
• Up to 400 mA current drive capacity
• +5 to +12 V single supply operation
• 12-turn trimpots control Current Setpoint and Limit
Setpoint
• Operates all low power laser diodes
• Modulation up to 2MHz
• Slow start circuitry
• Buffered measurement output
• Small size
• 8-pin DIP package
• Low noise operation
• Constant Current mode operation
CONTENTS
QUICK CONNECT GUIDE
2
PIN DESCRIPTIONS
4
ELECTRICAL SPECIFICATIONS
5
SAFETY INFORMATION
7
OPERATING INSTRUCTIONS
8
WIRING INSTRUCTIONS: LDD EVALUATION BOARD 14
ADDITIONAL TECHNICAL INFORMATION
19
TROUBLESHOOTING
25
MECHANICAL SPECIFICATIONS
27
CERTIFICATION AND WARRANTY
28
e
PAGE
Pb
RoHS
© June 2025
406-587-4910
www.teamWavelength.com
LDD P Series
Low Noise Laser Diode Drivers
DATASHEET AND OPERATING GUIDE


Similar Part No. - LDDEVALP

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDD--500H MEANWELL-LDD--500H Datasheet
239Kb / 3P
DC-DC Constant Current LED driver
LDD-1000H MEANWELL-LDD-1000H Datasheet
237Kb / 2P
DC-DC Constant Current LED driver
LDD-1000H MEANWELL-LDD-1000H Datasheet
239Kb / 3P
DC-DC Constant Current LED driver
LDD-1000LS MEANWELL-LDD-1000LS Datasheet
149Kb / 6P
DC-DC Constant Current Step-Down LED driver
LDD-1000LW MEANWELL-LDD-1000LW Datasheet
149Kb / 6P
DC-DC Constant Current Step-Down LED driver
More results

Similar Description - LDDEVALP

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6259C ELANTEC-EL6259C Datasheet
42Kb / 2P
Low Noise 4-Channel Laser Diode Driver Oscillator
logo
Maxim Integrated Produc...
MAX3735 MAXIM-MAX3735 Datasheet
1Mb / 18P
2.7Gbps, Low-Power SFP Laser Drivers
19-2529; Rev 1; 4/03
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
logo
Intersil Corporation
ISL58315 INTERSIL-ISL58315 Datasheet
89Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
logo
Wavelength Electronics,...
PLD WAVELENGTH-PLD Datasheet
2Mb / 21P
Laser Diode Drivers
logo
Analog Technologies, In...
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
602Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS250MA106 ANALOGTECHNOLOGIES-ATLS250MA106 Datasheet
509Kb / 11P
Low Noise Constant Current Laser Controller
1/18/2022
ATLS500MA103 ANALOGTECHNOLOGIES-ATLS500MA103 Datasheet
708Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS500MA104 ANALOGTECHNOLOGIES-ATLS500MA104 Datasheet
1Mb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
logo
Renesas Technology Corp
ISL58315 RENESAS-ISL58315 Datasheet
200Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com