Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDDEVALP Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  LDDEVALP Datasheet HTML 1Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 2Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 3Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 4Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 5Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 6Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 7Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 8Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2025
www.teamWavelength.com
3
LDD P SERIES LASER DIODE DRIVER
QUICK CONNECT DIAGRAM FOR LDD 2P MODELS
CURRENT
FEEDBACK
CURRENT
MONITOR
MODULATION
INPUT
GND
1
2
3
4
V+
5
6
7
8
FEEDBACK
IN
LD
CATHODE
LD
ANODE
V+
- +
Voltmeter
2.500 V
Signal
Generator
Laser
Diode
V+
V+
10 kΩ
10 kΩ
10 kΩ
10 kΩ
OUTPUT ADJUST
LIMIT ADJUST
*
* Trimpots shown for proper orientation
LDD 2P
LASER DIODE DRIVER
Rail-to-rail op amp
Type A Laser Diode
Type B Laser Diode
Type C Laser Diode
Common
Cathode
Laser Diode Anode &
Photodiode Cathode Common
Isolated Photodiode
Short
Laser Diode Anode
to Photodiode Cathode
Common
Anode
Laser Diode Cathode &
Photodiode Anode Common
Figure 3. External connections for LDD 2P. Supports Type C laser diodes.
RECOMMENDED TEST LOAD
– 2P MODELS
Wavelength recommends using a test load in place of a
diode laser until the user is familiar with the operation and
control of the LDD P Series Laser Diode Driver.
For 2P models, the recommended test load is shown in
Figure 4. This load is used to simulate Type C lasers.
LD Cathode
(Pin 6)
LD Anode
(Pin 5)
Silicon Diode
(1N4001)
x2
1Ω, 0.25 W
Resistor
Figure 4. Recommended test load for the LDD 2P Laser
Diode Driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com