Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDDEVALP Datasheet(PDF) 27 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 27 Page - Wavelength Electronics, Inc.

Back Button LDDEVALP Datasheet HTML 20Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 21Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 22Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 23Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 24Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 25Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 26Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 27Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 28Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
© 2025
www.teamWavelength.com
27
LDD P SERIES LASER DIODE DRIVER
MECHANICAL SPECIFICATIONS
LDD P
TOP VIEW
SIDE VIEW
PCB PAD PATTERN
TRIMPOT ADJUSTS
PAD HOLE
0.038 DIA TYP.
WITH 0.060 PAD
1.30" [33.0]
0.350
[8.89]
0.23 [5.7]
0.22
[5.6]
2.05
[52.1]
0.43
[10.9]
0.50
[12.7]
0.200
[5.08]
0.73
[18.4]
0.35
[8.9mm]
0.600"
[15.24]
Figure 50. LDD P Series Laser Diode Driver Mechanical Dimensions
LDDEVALP
HOOKUP
LASER
DIODE
3.00
[76.2]
2.00
[50.8]
1.60
[40.6]
2.60
[66.0]
TOP VIEW
Figure 51. LDD P Series Laser Diode Driver Evaluation Board Dimensions
All Tolerances ±5%; units in inches [mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com