Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1-PC Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # GW-CSSRM1-PC
Description  OSLON® Square
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM1-PC Datasheet(HTML) 1 Page - ams-OSRAM AG

  GW-CSSRM1-PC Datasheet HTML 1Page - ams-OSRAM AG GW-CSSRM1-PC Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM1-PC Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM1-PC Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM1-PC Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM1-PC Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM1-PC Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM1-PC Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM1-PC Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2017-10-26
Datasheet
Version 1.6(not for new design)
GW CSSRM1.PC
Higher performance. Lower thermal resistance.
Extended range of driving conditions. This is the
second generation OSLON Square.
Verbesserte Leistung. VerringerterWärmewiderstand.
Erweiteter zulässigerBetriebsbereich. Das ist die
zweite Generation der OSLON Square.
Features:
Besondere Merkmale:
•
Package: SMT ceramic package with silicone resin
and silicone lens
•
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 3000 K - 6500 K (white)
•
Farbe: 3000 K - 6500 K (weiß)
•
CRI: min. 70 ( typ. 72 )
•
CRI: min. 70 ( typ. 72 )
•
Luminous Flux: typ. 301 lm @ 5000 K, 85 °C
•
Lichtstrom: typ. 301 lm @ 5000 K, 85 °C
•
Luminous efficacy: typ. 154 lm/W @ 5000 K,
85 °C
•
Lichtausbeute: typ. 154 lm/W @ 5000 K, 85 °C
•
Corrosion Robustness: Superior Corrosion
Robustness
•
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
•
Lumen Maintenance: Test results according to
IESNA LM-80 available
•
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
•
Industrial lighting
•
Industriebeleuchtung
•
Outdoor lighting
•
Außenbeleuchtung
•
Street and tunnel lighting
•
Straßen und Tunnel
OSLON
® Square
2018-05-10
1


Similar Part No. - GW-CSSRM1-PC

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-CSSRM1-BM AMSOSRAM-GW-CSSRM1-BM Datasheet
2Mb / 25P
OSLON™ Square
Version 1.9 2026-07-20
GW-CSSRM1-CC AMSOSRAM-GW-CSSRM1-CC Datasheet
5Mb / 26P
OSLON® Square
2018-05-10
GW-CSSRM1-EC AMSOSRAM-GW-CSSRM1-EC Datasheet
2Mb / 27P
OSLON® Square
2018-05-10
More results

Similar Description - GW-CSSRM1-PC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com