Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6-102WCBW-R Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # LR6-102WCBW-R
Description  Signal Tower
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR6-102WCBW-R Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  LR6-102WCBW-R Datasheet HTML 1Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 2Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 3Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 4Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 5Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 6Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 7Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 8Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 9Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
[3.Outer Dimensions]
■
LR6-□02WCBW-□+FB295
■
LR6-□02WCNW-□+FB295
[mm]
Drawing No.
Rev.
Page
LR6-FB295-W18
B
1
3
4
5
6
7
Φ60
53.5
40
LR6-102WCBW:200.5
LR6-202WCBW:240.5
LR6-302WCBW:280.5
LR6-402WCBW:320.5
LR6-502WCBW:360.5
10
25
Φ52
M30×1.5
1/2" NPT Internal Threads
Maximum Board Thickness:10
LR6- 02WCNW:126
LR6-102WCNW:166
LR6-202WCNW:206
LR6-302WCNW:246
LR6-402WCNW:286
LR6-502WCNW:326
Φ60
40
19
10
25
Φ52
M30×1.5
1/2" NPT Internal Threads
Maximum Board Thickness:10
2
3
4
5
6
7
7
M30 Nut
PC
V-2
2
Head Cover
PC
V-2
5
Direct Mount Bracket
PC
V-2
6
Mounting Gasket
Silicone Rubber
-
3
Globe (LED Unit)
PC
V-2
4
Body
PC
V-2
Number
Name
Material
UL Flammability
1
Buzzer Case (Buzzer Unit)
PC
V-2
3 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com