Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6-102WCBW-R Datasheet(PDF) 8 Page - PATLITE CORPORATION.

Part # LR6-102WCBW-R
Description  Signal Tower
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR6-102WCBW-R Datasheet(HTML) 8 Page - PATLITE CORPORATION.

  LR6-102WCBW-R Datasheet HTML 1Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 2Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 3Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 4Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 5Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 6Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 7Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 8Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 9Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
5.4 External Contact Capacity
Drawing No.
Rev.
Page
LR6-FB295-W18
B
IS:Current CapacityVS:Withstand Voltage IL:Leakage Current
※
1・・・Measured with five LED tiers and buzzer operating.
※
2・・・Not exceeding Maximum Signal Wire Current Ratings
※
3・・・Signal wire current (Max.) not exceeding the sum total.
None (※3)
IL≦0.1mA
Leakage Current
Inrush
Current
Recommended Contact Capacity
Signal Wire Current (Max.) / Voltage
Current Consumption (Max.)
Power Supply Wire
Is≧500mA Vs≧35V DC
24V DC
LED Unit
(1 Tier)
45mA / Power Supply Voltage
Power
Supply
250mA (※1)
Is≧100mA Vs≧35V DC
Buzzer
Recommended Contact Capacity
Signal Wire Current (Max.) / Voltage
Rated Load Voltage
250mA / Power Supply Voltage
Is≧300mA Vs≧35V DC
Signal Wire Current (Max.) / Voltage
LED
None
Buzzer
Signal Wire
None (※2)
■
Recommended Fuse
Fuse Ampere Ratings
250 V/ 1A (5x20mm Fast-Acting Glass Body Cartridge Fuse)
8 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com